Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT46R01A Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT46R01A
Description  Small Package A/D Type 8-Bit OTP MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01A Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT46R01A Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
HT46R01A
Small Package A/D Type 8-Bit OTP MCU
Rev. 1.10
1
August 13, 2008
General Description
The HT46R01A is 8-bit high performance, RISC archi-
tecture microcontroller devices specifically designed for
a wide range of applications. In addition to providing the
usual microcontroller I/O control functions, the fully inte-
grated A/D converter allows the interfacing and pro-
cessing of external analog signals such as those from
sensors. The PWM function also allows the driving of
external analog signals for applications such as motor
driving while the PFD function provides a means of gen-
erating a fixed frequency reference. The usual Holtek
microcontroller features of low power consumption, I/O
flexibility, timer functions, oscillator options, power
down and wake-up functions, watchdog timer and low
voltage reset, combine to provide devices with a huge
range of functional options while still maintaining cost
effectiveness. Their fully integrated system oscillator,
with three frequency selections, and being supplied in
an extremely small outline MSOP 10-pin package
opens up a huge range of new application possibilities
for these devices, some of which may include industrial
control, consumer products, household appliances sub-
system controllers, etc.
Features
· Operating voltage:
fSYS= 4MHz: 2.2V~5.5V
fSYS= 8MHz: 3.3V~5.5V
fSYS= 12MHz: 4.5V~5.5V
· 7 bidirectional I/O lines and 1 input line
· External interrupt input shared with an I/O line
· Single 8-bit programmable Timer/Event Counters
with overflow interrupt and 7-stage prescaler
· External crystal system oscillator
· Fully integrated internal RC oscillator available with
three frequencies: 4MHz, 8MHz or 12MHz
· Watchdog Timer function
· PFD for audio frequency generation
· Power down and wake-up functions to reduce power
consumption
· Up to 0.33ms instruction cycle with 12MHz system
clock at VDD=5V
· 4-level subroutine nesting
· 4-channel 8-bit resolution A/D converter
· 8-bit PWM output shared with I/O line
· Bit manipulation instruction
· Table read instructions
· 63 powerful instructions
· All instructions executed in one or two machine cy-
cles
· Low voltage reset function
· 10-pin ultra-small MSOP package
Technical Document
· Tools Information
· FAQs
· Application Note
- HA0003E Communicating between the HT48 & HT46 Series MCUs and the HT93LC46 EEPROM
- HA0016E Writing and Reading to the HT24 EEPROM with the HT48 MCU Series
- HA0018E Controlling the HT1621 LCD Controller with the HT48 MCU Series
- HA0049E Read and Write Control of the HT1380
- HA0075E MCU Reset and Oscillator Circuits Application Note


Similar Part No. - HT46R01A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R01 HOLTEK-HT46R01 Datasheet
487Kb / 60P
10-Pin MSOP A/D Type 8-Bit OTP MCU
September 21, 2007
HT46R016 HOLTEK-HT46R016 Datasheet
5Mb / 91P
Enhanced A/D Type 8-Bit OTP MCU
HT46R017 HOLTEK-HT46R017 Datasheet
5Mb / 91P
Enhanced A/D Type 8-Bit OTP MCU
HT46R01B HOLTEK-HT46R01B Datasheet
425Kb / 71P
Small Package 8-Bit OTP MCU
December 15, 2009
HT46R01B HOLTEK-HT46R01B Datasheet
427Kb / 71P
Small Package 8-Bit OTP MCU
More results

Similar Description - HT46R01A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R14 HOLTEK-HT46R14 Datasheet
326Kb / 47P
A/D Type 8-Bit OTP MCU
November 1, 2005
HT46R51 HOLTEK-HT46R51 Datasheet
294Kb / 42P
A/D Type 8-Bit OTP MCU
July 12, 2005
HT46R53 HOLTEK-HT46R53 Datasheet
297Kb / 42P
A/D Type 8-Bit OTP MCU
July 12, 2005
HT46R12A HOLTEK-HT46R12A Datasheet
307Kb / 48P
A/D Type 8-Bit OTP MCU
August 3, 2007
HT46R01B HOLTEK-HT46R01B Datasheet
425Kb / 71P
Small Package 8-Bit OTP MCU
December 15, 2009
HT46R01B HOLTEK-HT46R01B_10 Datasheet
427Kb / 71P
Small Package 8-Bit OTP MCU
HT46R01B-1 HOLTEK-HT46R01B-1 Datasheet
437Kb / 71P
Small Package 8-Bit OTP MCU
June 9, 2011
HT48R005 HOLTEK-HT48R005 Datasheet
383Kb / 62P
Small Package 8-Bit OTP MCU
HT48R006 HOLTEK-HT48R006 Datasheet
451Kb / 72P
Small Package 8-Bit OTP MCU
HT48R005 HOLTEK-HT48R005_12 Datasheet
394Kb / 62P
Small Package 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com