Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT46R01A Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT46R01A
Description  Small Package A/D Type 8-Bit OTP MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01A Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT46R01A Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
HT46R01A
Rev. 1.10
14
August 13, 2008
S y s t e m C o n t r o l R e g i s t e r
C T R L 0
b 7
C L K M O D
b 0
Q O S C
P W M S E L
P F D C
P W M C
R T C o s c i l l a t o r q u i c k s t a r t - u p f u n c t i o n
0 : q u i c k s t a r t - u p
1 : s l o w s t a r t - u p
I / O o r P F D s e l e c t i o n
0 : I / O
1 : P F D
N o t i m p l e m e n t e d , r e a d a s " 0 "
I / O o r P W M s e l e c t i o n
0 : I / O
1 : P W M
P W M m o d e s e l e c t i o n
0 : 6 + 2
1 : 7 + 1
N o t i m p l e m e n t e d , r e a d a s " 0 "
S y s t e m c l o c k m o d e s e l e c t i o n
0 : h i g h s p e e d - I n t e r n a l R C a s s y s t e m c l o c k
1 : l o w s p e e d - R T C a s s y s t e m c l o c k , I n t e r n a l R C o s c i l l a t o r s t o p p e d
N o t e t h a t t h e s e s e l e c t i o n s a r e o n l y v a l i d i f t h e o s c i l l a t o r c o n f i g u r a t i o n
o p t i o n s h a v e s e l e c t e d t h e I n t e r n a l R C + R T C a s t h e s y s t e m c l o c k
System Control Register
- CTRL0
b 7
b 0
W D T E N 3
N o t i m p l e m e n t e d , r e a d a s " 0 "
W D T f u n c t i o n
1
0
1
0
X
X
X
X
d i s a b l e
o t h e r v a l u e s - e n a b l e
I N T E S 1
I N T E S 0
W D T E N 2 W D T E N 1 W D T E N 0
E x t e r n a l i n t e r r u p t e d g e t r i g g e r t y p e
I N T E S 1
0
0
1
1
I N T E S 0
0
1
0
1
d i s a b l e
r i s i n g e d g e t r i g g e r
f a l l i n g e d g e t r i g g e r
d u a l e d g e t r i g g e r
S y s t e m C o n t r o l R e g i s t e r
C T R L 1
System Control Register
- CTRL1
Input/Output Ports
Holtek microcontrollers offer considerable flexibility on
their I/O ports. There are seven I/O pins whose input or
output designation is under user program control and an
additional input pin. Additionally, as there are pull-high
resistor and wake-up software configurations for each
pin, the user is provided with an I/O structure to meet the
needs of a wide range of application possibilities.
Each device has a single I/O port known as Port A,
which has a corresponding data register known as PA.
This register is mapped to the Data Memory with an ad-
dresses as shown in the Special Purpose Data Memory
table. Seven of these I/O lines can be used for input and
output operations and one line as an input only. For in-
put operation, these ports are non-latching, which
means the inputs must be ready at the T2 rising edge of
instruction
²MOV A,[m]², where m denotes the port ad-
dress. For output operation, all the data is latched and
remains unchanged until the output latch is rewritten.
Pull-high Resistors
Many product applications require pull-high resistors for
their switch inputs usually requiring the use of an exter-
nal resistor. To eliminate the need for these external re-
sistors, I/O pins PA0~PA6, when configured as an input
have the capability of being connected to an internal
pull-high resistor. These pull-high resistors are
selectable via a register known as PAPU, located in the
Data Memory. The pull-high resistors are implemented
using weak PMOS transistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com