Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT49C70L Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT49C70L
Description  LCD Type 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49C70L Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT49C70L Datasheet HTML 9Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 10Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 11Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 12Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 13Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 14Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 15Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 16Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
HT49R70A-1/HT49C70-1/HT49C70L
Rev. 2.20
13
December 16, 2009
The internal Timer/Event Counter 0 interrupt is initial-
ized by setting the Timer/Event Counter 0 interrupt re-
quest flag (T0F;bit 6 of INTC0), which is normally
caused by a timer overflow. After the interrupt is en-
abled, and the stack is not full, and the T0F bit is set, a
subroutine call to location 0CH occurs. The related inter-
rupt request flag (T0F) is reset, and the EMI bit is
cleared to disable further interrupts. The Timer/Event
Counter 1 is operated in the same manner but its related
interrupt request flag is T1F (bit 4 of INTC1) and its sub-
routine call location is 10H.
The time base interrupt is initialized by setting the time
base interrupt request flag (TBF;bit 5 of INTC1), that is
caused by a regular time base signal. After the interrupt
is enabled, and the stack is not full, and the TBF bit is
set, a subroutine call to location 14H occurs. The related
interrupt request flag (TBF) is reset and the EMI bit is
cleared to disable further interrupts.
The real time clock interrupt is initialized by setting the
real time clock interrupt request flag (RTF; bit 6 of
INTC1), that is caused by a regular real time clock sig-
nal. After the interrupt is enabled, and the stack is not
full, and the RTF bit is set, a subroutine call to location
18H occurs. The related interrupt request flag (RTF) is
reset and the EMI bit is cleared to disable further inter-
rupts.
During the execution of an interrupt subroutine, other in-
terrupt acknowledgments are all held until the
²RETI²
instruction is executed or the EMI bit and the related in-
terrupt control bit are set both to 1 (if the stack is not full).
To return from the interrupt subroutine,
²RET² or ²RETI²
may be invoked. RETI sets the EMI bit and enables an
interrupt service, but RET does not.
Interrupts occurring in the interval between the rising
edges of two consecutive T2 pulses are serviced on the
latter of the two T2 pulses if the corresponding interrupts
are enabled. In the case of simultaneous requests, the
priorities in the following table apply. These can be
masked by resetting the EMI bit.
Interrupt Source
Priority
Vector
External interrupt 0
1
04H
External interrupt 1
2
08H
Timer/Event Counter 0 overflow
3
0CH
Timer/Event Counter 1 overflow
4
10H
Time base interrupt
5
14H
Real time clock interrupt
6
18H
The Timer/Event Counter 0 interrupt request flag, T0F,
external interrupt 1 request flag (EIF1), external inter-
rupt 0 request flag (EIF0), enable Timer/Event Counter
0 interrupt bit (ET0I), enable external interrupt 1 bit
(EEI1), enable external interrupt 0 bit (EEI0), and en-
able master interrupt bit (EMI) make up of the Interrupt
Control register 0 (INTC0) which is located at 0BH in the
RAM. The real time clock interrupt request flag (RTF),
time base interrupt request flag (TBF), Timer/Event
Counter 1 interrupt request flag (T1F), enable real time
Bit No.
Label
Function
0
EMI
Controls the master (global) interrupt (1=enabled; 0=disabled)
1
EEI0
Controls the external interrupt 0 (1=enabled; 0=disabled)
2
EEI1
Controls the external interrupt 1 (1=enabled; 0=disabled)
3
ET0I
Controls the Timer/Event Counter 0 interrupt (1=enabled; 0=disabled)
4
EIF0
External interrupt 0 request flag (1=active; 0=inactive)
5
EIF1
External interrupt 1 request flag (1=active; 0=inactive)
6
T0F
Internal Timer/Event Counter 0 request flag (1=active; 0=inactive)
7
¾
Unused bit, read as
²0²
INTC0 (0BH) Register
Bit No.
Label
Function
0
ET1I
Controls the Timer/Event Counter 1 interrupt (1=enabled; 0=disabled)
1
ETBI
Controls the time base interrupt (1=enabled; 0:disabled)
2
ERTI
Controls the real time clock interrupt (1=enabled; 0:disabled)
3
¾
Unused bit, read as
²0²
4
T1F
Internal Timer/Event Counter 1 request flag (1=active; 0=inactive)
5
TBF
Time base request flag (1=active; 0=inactive)
6
RTF
Real time clock request flag (1=active; 0=inactive)
7
¾
Unused bit, read as
²0²
INTC1 (1EH) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com