Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT49C70L Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT49C70L
Description  LCD Type 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49C70L Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT49C70L Datasheet HTML 17Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 18Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 19Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 20Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 21Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 22Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 23Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 24Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
HT49R70A-1/HT49C70-1/HT49C70L
Rev. 2.20
21
December 16, 2009
In the pulse width measurement mode with the values of
the T0ON/T1ON and T0E/T1E bits equal to 1, after the
TMR0 (TMR1) has received a transient from low to high
(or high to low if the T0E/T1E bit is
²0²), it will start counting
until the TMR0 (TMR1) returns to the original level and re-
sets the T0ON/T1ON. The measured result remains in the
timer/event counter even if the activated transient occurs
again. In other words, only 1-cycle measurement can be
made until the T0ON/T1ON is set. The cycle measure-
ment will re-function as long as it receives further transient
pulse. In this operation mode, the timer/event counter be-
gins counting not according to the logic level but to the
transient edges. In the case of counter overflows, the
counter is reloaded from the timer/event counter register
and issues an interrupt request, as in the other two modes,
i.e., event and timer modes.
To enable the counting operation, the Timer ON bit
(T0ON: bit 4 of TMR0C; T1ON: bit 4 of TMR1C) should
be set to 1. In the pulse width measurement mode, the
T0ON/T1ON is automatically cleared after the measure-
ment cycle is completed. But in the other two modes, the
T0ON/T1ON can only be reset by instructions. The
overflow of the Timer/Event Counter 0/1 is one of the
wake-up sources and can also be applied to a PFD (Pro-
grammable Frequency Divider) output at PA3 by op-
tions. Only one PFD (PFD0 or PFD1) can be applied to
PA3 by options. If PA3 is set as PFD output, there are
two types of selections; One is PFD0 as the PFD output,
the other is PFD1 as the PFD output. PFD0, PFD1 are
the timer overflow signals of the Timer/Event Counter 0,
Timer/Event Counter 1 respectively. No matter what the
operation mode is, writinga0to ET0I or ET1I disables
Bit No.
Label
Function
0~2
¾
Unused bit, read as
²0²
3
T0E
Defines the TMR0 active edge of the timer/event counter:
In Event Counter Mode (T0M1,T0M0)=(0,1):
1:count on falling edge;
0:count on rising edge
In Pulse Width measurement mode (T0M1,T0M0)=(1,1):
1: start counting on the rising edge, stop on the falling edge;
0: start counting on the falling edge, stop on the rising edge
4
T0ON
Enable/disable timer counting
(0=disabled; 1=enabled)
5
T0S
2 to 1 multiplexer control inputs which selects the timer/event counter clock source (0=RTC
outputs; 1= system clock or system clock/4)
6
7
T0M0
T0M1
Defines the operating mode (T0M1, T0M0)
01= Event count mode (External clock)
10= Timer mode (Internal clock)
11= Pulse Width measurement mode (External clock)
00= Unused
TMR0C (0EH) Register
Bit No.
Label
Function
0~2
¾
Unused bit, read as
²0²
3
T1E
Defines the TMR1 active edge of the timer/event counter:
In Event Counter Mode (T1M1,T1M0)=(0,1):
1:count on falling edge;
0:count on rising edge
In Pulse Width measurement mode (T1M1,T1M0)=(1,1):
1: start counting on the rising edge, stop on the falling edge;
0: start counting on the falling edge, stop on the rising edge
4
T1ON
Enable/disable timer counting
(0= disabled; 1= enabled)
5
T1S
2 to 1 multiplexer control inputs to select the timer/event counter clock source
(0= option clock source; 1= system clock/4)
6
7
T1M0
T1M1
Defines the operating mode (T1M1, T1M0)
01= Event count mode (External clock)
10= Timer mode (Internal clock)
11= Pulse Width measurement mode (External clock)
00= Unused
TMR1C (11H) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com