Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT82K70E-L Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT82K70E-L
Description  I/O Type 8-Bit OTP MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K70E-L Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT82K70E-L Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
Pin Description
Pin Name
I/O
Options
Description
PA0/Z1
PA1/Z2
PA2/TMR0
PA3/TMR1
PA4/SCS
PA5/SCK
PA6/SDI
PA7/SDO
I/O
Wake-up
Pull-high
CMOS or NMOS
Schmitt trigger or
non-Schmitt
trigger
Bidirectional 8-bit input/output port. Each pin can be configured as a
wake-up input by a configuration option. Software instructions determine if
the pin is a CMOS output or input. Configuration options determine if the
pins have pull-high resistors. Configuration options determine whether the
pins are configured as CMOS or NMOS pins. Configuration options deter-
mine whether the pins are configured with Schmitt trigger or non-Schmitt
trigger inputs. PA2 is shared with the external timer input pin TMR0. PA3 is
shared with the external timer input pin TMR1. PA0 and PA1 are shared
with the Z1 and Z2 pins. PA4~ PA7 are pins shared with SPI interface.
PB0/V1
PB1/V2
PB2~PB7
I/O
Wake-up
Pull-high
Bidirectional 8-bit input/output port. Each pin, PB0 and PB1 can be config-
ured as wake-up inputs using configuration options. Two configuration op-
tions, one for pins PB2 and PB3 and one for pins PB4~PB7, can also setup
these pin groups as wake-up inputs. Software instructions determine if the
pin is a CMOS output or Schmitt Trigger input. Configuration options deter-
mine if each nibble, PB0~PB3 and PB4~PB7 have pull-high resistors. PB0
and PB1 are shared with the V1 and V2 pins.
PC0~PC1
PC2/INT
PC3~PC7
I/O
Wake-up
Pull-high
Bidirectional 8-bit input/output port. Each nibble, PC0~PC3 and PC4~PC7,
can be configured as wake-up inputs by configuration options. Software in-
structions determine if the pin is a CMOS output or Schmitt Trigger input.
Configuration options determine if each nibble, PC0~PC3 and PC4~PC7
have pull-high resistors. PC2 is pin shared with the external interrupt input.
PD0~PD7
I/O
Wake-up
Pull-high
Bidirectional 8-bit input/output port. Each nibble, PD0~PD3 and PD4~PD7,
can be configured as wake-up inputs by configuration options. Software in-
structions determine if the pin is a CMOS output or Schmitt Trigger input.
Configuration options determine if each nibble, PD0~PD3 and PD4~PD7
have pull-high resistors.
PE0~PE3
PE4/BAT
PE5~PE7
I/O
Wake-up
Pull-high
PE4 IO or BAT
Bidirectional 8-bit input/output port. Each nibble, PE0~PE3 and PE4~PE7,
can be configured as wake-up inputs by configuration options. Software in-
structions determine if the pin is a CMOS output or Schmitt Trigger input.
Configuration options determine if each nibble, PE0~PE3 and PE4~PE7
have pull-high resistors. A configuration option determines if PE4 is an I/O
pin or a Battery input pin.
PF0~PF2
I/O
Wake-up
Pull-high
Bidirectional 3-bit input/output port. The pins, PF0~PF2 can be configured
together to be wake-up inputs using a configuration options. Software in-
structions determine if the pin is a CMOS output or Schmitt Trigger input. A
configuration option determine if the pins have pull-high resistors.
OSC1
OSC2
I
O
Crystal or RC
OSC1, OSC2 are connected to an external RC network or external crys-
tal,determined by configuration option, for the internal system clock. If the
RC system clock option is selected, pin OSC2 can be used to measure the
system clock at 1/4 frequency.
RES
I
¾
Schmitt trigger reset input. Active low
VSS
¾¾
Negative power supply, ground
VDD
¾¾
Positive power supply
Note:
Each pin can be chosen via configuration option to have a wake-up function.
HT82K70E-L/HT82K76E-L
Rev. 1.00
3
September 15, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com