Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT82K70E-L Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT82K70E-L
Description  I/O Type 8-Bit OTP MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K70E-L Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT82K70E-L Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................150mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage (Crystal OSC)
¾
fSYS=4MHz
1.8
¾
5.5
V
fSYS=8MHz
3.3
¾
5.5
V
IDD
Operating Current (Crystal OSC)
3V
No load, fSYS=6MHz
¾
12
mA
ISTB1
Standby Current
3V
No load, system HALT,
WDT Enabled
¾¾
20
mA
ISTB2
Standby Current
3V
No load, system HALT,
WDT Disabled
¾¾
5
mA
VIL1
Input Low Voltage for I/O, TMR
and INT
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O, TMR
and INT
¾¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
IOL
I/O Port Sink Current
3V
VOL=0.1VDD
4
¾¾
mA
IOH
I/O Port Source Current
3V
VOH=0.9VDD
-2.5
-4.5
¾
mA
RPH
Pull-high Resistance
3V
¾
10
30
50
k
W
HT82K70E-L/HT82K76E-L
Rev. 1.00
4
September 15, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com