Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT86B60 Datasheet(PDF) 56 Page - Holtek Semiconductor Inc

Part # HT86B60
Description  Enhanced Voice 8-Bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86B60 Datasheet(HTML) 56 Page - Holtek Semiconductor Inc

Back Button HT86B60 Datasheet HTML 52Page - Holtek Semiconductor Inc HT86B60 Datasheet HTML 53Page - Holtek Semiconductor Inc HT86B60 Datasheet HTML 54Page - Holtek Semiconductor Inc HT86B60 Datasheet HTML 55Page - Holtek Semiconductor Inc HT86B60 Datasheet HTML 56Page - Holtek Semiconductor Inc HT86B60 Datasheet HTML 57Page - Holtek Semiconductor Inc HT86B60 Datasheet HTML 58Page - Holtek Semiconductor Inc HT86B60 Datasheet HTML 59Page - Holtek Semiconductor Inc HT86B60 Datasheet HTML 60Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 79 page
background image
Application Circuits
HT86BXX/HT86BRXX
Rev. 1.60
56
October 20, 2009
H T 8 6 B 0 5 / H T 8 6 B 1 0 / H T 8 6 B R 1 0
H T 8 6 B 2 0 / H T 8 6 B 3 0 / H T 8 6 B R 3 0
R E S
V D D
V D D
I N T
1 0 0 k W
V D D
0 . 1 m F
1 0 0 m F
V S S
V S S A
V D D
V D D A
1 0 W
4 7 m F
0 . 1 m F
O S C 2
O S C 1
P A 0 ~ P A 7
P B 0 ~ P B 7
V D D P
V S S P
R E S
V D D
V D D
I N T
1 0 0 k W
V D D
0 . 1 m F
1 0 0 m F
O S C 2
O S C 1
4 M H z ~
8 M H z
P A 0 ~ P A 7
P B 0 ~ P B 7
V S S
V S S A
V S S P
P W M 1
P W M 2
A U D
1
2
3
4
5
6
7
8
H T 8 2 V 7 3 3
V D D
4 7 m F
0 . 1 m F
1 0 m F
O U T N
V D D
V R E F
N C
O U T P
C E
A u d i o I n
S P K
( 8 W / 1 6 W )
V D D
8 0 5 0
0 . 1 m F
R 1
R 2
S P K
( 8 W / 1 6 W )
A U D
T r a n s i s t o r O u t p u t
P o w e r A m p l i f i e r O u t p u t
A U D
S P K
( 8 W / 1 6 W )
N o t e : T h e P W M a p p l i c a t i o n r e f e r t o t h e d e s c r i p t i o n o f P u l s e W i d t h M o d u l a t i o n O u t p u t .
4 7 m F
V D D
V D D A
V D D P
R O S C
H T 8 6 B 0 5 / H T 8 6 B 1 0 / H T 8 6 B R 1 0
H T 8 6 B 2 0 / H T 8 6 B 3 0 / H T 8 6 B R 3 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com