Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT86B60 Datasheet(PDF) 37 Page - Holtek Semiconductor Inc

Part # HT86B60
Description  Enhanced Voice 8-Bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86B60 Datasheet(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT86B60 Datasheet HTML 33Page - Holtek Semiconductor Inc HT86B60 Datasheet HTML 34Page - Holtek Semiconductor Inc HT86B60 Datasheet HTML 35Page - Holtek Semiconductor Inc HT86B60 Datasheet HTML 36Page - Holtek Semiconductor Inc HT86B60 Datasheet HTML 37Page - Holtek Semiconductor Inc HT86B60 Datasheet HTML 38Page - Holtek Semiconductor Inc HT86B60 Datasheet HTML 39Page - Holtek Semiconductor Inc HT86B60 Datasheet HTML 40Page - Holtek Semiconductor Inc HT86B60 Datasheet HTML 41Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 79 page
background image
HT86BXX/HT86BRXX
Rev. 1.60
37
October 20, 2009
b 7
T O N
T M 0
T M 1
b 0
N o t i m p l e m e n t e d , r e a d a s " 0 "
T i m e r C o u n t i n g E n a b l e
1 : e n a b l e
0 : d i s a b l e
O p e r a t i n g M o d e S e l e c t
T 0 T M 1
T 1 T M 1
T 3 T M 1
0
0
1
1
T 0 T M 0
T 1 T M 0
T 3 T M 0
0
1
0
1
n o m o d e a v a i l a b l e
n o m o d e a v a i l a b l e
t i m e r m o d e
n o m o d e a v a i l a b l e
T M R 0 C / T M R 1 C / T M R 3 C R e g i s t e r
N o t i m p l e m e n t e d , r e a d a s " d o n ' t c a r e "
P S C 2
P S C 1
P S C 0
T i m e r P r e s c a l e r R a t e S e l e c t
T 0 P S C 2
T 1 P S C 2
T 3 P S C 2
0
0
0
0
1
1
1
1
T 0 P S C 1
T 1 P S C 1
T 3 P S C 1
0
0
1
1
0
0
1
1
T 0 P S C 0
T 1 P S C 0
T 3 P S C 0
0
1
0
1
0
1
0
1
T i m e r R a t e
1 : 2
1 : 4
1 : 8
1 : 1 6
1 : 3 2
1 : 6 4
1 : 1 2 8
1 : 2 5 6
Timer Control Register
- All Devices
b 7
T O N
T M 0
T M 1
b 0
N o t i m p l e m e n t e d , r e a d a s " 0 "
T i m e r C o u n t i n g E n a b l e
1 : e n a b l e
0 : d i s a b l e
T M R 2 C R e g i s t e r
N o t i m p l e m e n t e d , r e a d a s " 0 "
O p e r a t i n g M o d e S e l e c t
T M 2 T M 1
0
0
1
1
T M 2 T M 0
0
1
0
1
n o m o d e a v a i l a b l e
n o m o d e a v a i l a b l e
t i m e r m o d e
n o m o d e a v a i l a b l e
Timer Control Register
- HT86B40/HT86B50/HT86B60/HT86BR60/HT86B70/HT86B80/HT86B90
Configuring the Timer
The Timer is used to measure fixed time intervals, pro-
viding an internal interrupt signal each time the Timer
overflows. To do this the Operating Mode Select bit pair
in the Timer Control Register must be set to the correct
value as shown.
Control Register Operating Mode
Select Bits
Bit7 Bit6
10
The internal clock, fSYS, is used as the Timer clock.
However, this clock source is further divided by a
prescaler, the value of which is determined by the
Prescaler Rate Select bits, which are bits 0~2 in the
Timer Control Register. After the other bits in the Timer
Control Register have been setup, the enable bit, which
is bit 4 of the Timer Control Register, can be set high to
enable the Timer to run. Each time an internal clock cy-
cle occurs, the Timer increments by one. When it is full
and overflows, an interrupt signal is generated and the
Timer will reload the value already loaded into the
preload register and continue counting. The interrupt
can be disabled by ensuring that the Timer Interrupt En-
able bit in the Interrupt Control Register, INTC, is reset
to zero.
I n c r e m e n t
T i m e r C o n t r o l l e r
P r e s c a l e r O u t p u t
T i m e r + 1
T i m e r + 2
T i m e r + N
T i m e r + N + 1
Timer Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com