Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8535EBVTAKG Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC8535EBVTAKG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8535EBVTAKG Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC8535EBVTAKG Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 126 page
background image
MPC8535E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
3
Figure 1 shows the major functional units within the MPC8535E.
Figure 1. MPC8535E Block Diagram
1
Pin Assignments and Reset States
NOTE
The naming convention of TSEC1 and TSEC3 is used to allow the splitting voltage rails
for the eTSEC blocks and to ease the port of existing PowerQUICC III software
NOTE
The UART_SOUT[0:1] and TEST_SEL pins must be set to a proper state during POR
configuration. Please refer to Table 1 for more details.
e500 Core
32-Kbyte
I-Cache
32-Kbyte
D-Cache
64-bit
DDR2/DDR3
SDRAM Controller
with ECC
Enhanced
Local Bus
Coherency
Module
Gigabit
Ethernet
DMA
SEC
OpenPIC
eSPI
DUART
Async
Performance
Monitor
Timers
512-Kbyte
L2 Cache
Power
Management
MPC8535E
2x I
2C
Queue
4 Lane SerDes
PCI 32
PCI-e
PCI-e
SD
MMC
USB
Host/
ULPI
SerDes
Device
USB
Host/
ULPI
Device
w/ IEEE 1588
SATA
Gigabit
Ethernet
SGMII
w/ IEEE 1588



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com