Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8535EBVTAKG Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # MPC8535EBVTAKG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8535EBVTAKG Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button MPC8535EBVTAKG Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 126 page
background image
MPC8535E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
High-Speed Serial Interfaces
Freescale Semiconductor
94
Figure 60. Differential Reference Clock Input DC Requirements (External AC-Coupled)
Figure 61. Single-Ended Reference Clock Input DC Requirements
2.20.2.3
Interfacing With Other Differential Signaling Levels
With on-chip termination to SnGND (xcorevss), the differential reference clocks inputs are HCSL (High-Speed Current
Steering Logic) compatible DC-coupled.
Many other low voltage differential type outputs like LVDS (Low Voltage Differential Signaling) can be used but may need to
be AC-coupled due to the limited common mode input range allowed (100 to 400 mV) for DC-coupled connection.
LVPECL (Low Voltage Positive Emitter-Coupled Logic) outputs can produce signal with too large amplitude and may need to
be DC-biased at clock driver output first, then followed with series attenuation resistor to reduce the amplitude, in addition to
AC-coupling.
NOTE
Figure 62 to Figure 65 below are for conceptual reference only. Due to the fact that clock
driver chip's internal structure, output impedance and termination requirements are
different between various clock driver chip manufacturers, it is very possible that the clock
circuit reference designs provided by clock driver chip vendor are different from what is
shown below. They might also vary from one vendor to the other. Therefore, Freescale
Semiconductor can neither provide the optimal clock driver reference circuits, nor
guarantee the correctness of the following clock driver connection reference circuits. The
system designer is recommended to contact the selected clock driver chip vendor for the
optimal reference circuits with the MPC8535E SerDes reference clock receiver
requirement provided in this document.
SD
n_REF_CLK
SD
n_REF_CLK
Vcm
200mV < Input Amplitude or Differential Peak < 800 mV
Vmax < Vcm + 400 mV
Vmin > Vcm – 400 mV
SD
n_REF_CLK
SD
n_REF_CLK
400 mV < SD
n_REF_CLK Input Amplitude < 800 mV
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com