Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8535EBVTAKG Datasheet(PDF) 122 Page - Freescale Semiconductor, Inc

Part # MPC8535EBVTAKG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8535EBVTAKG Datasheet(HTML) 122 Page - Freescale Semiconductor, Inc

Back Button MPC8535EBVTAKG Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 126Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 122 / 126 page
background image
MPC8535E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Part Numbering
Freescale Semiconductor
122
4.3
Part Numbering
Table 83 and Table 84 list all part numbers that are offered for MPC8535E.
5
Package Information
This section details package parameters, pin assignments, and dimensions.
5.1
Package Parameters for the MPC8535E FC-PBGA
The package parameters are as provided in the following list. The package type is 29 mm
× 29 mm, 783 flip chip plastic ball
grid array (FC-PBGA) without a lid.
Package outline
29 mm
× 29 mm
Interconnects
783
Pitch
1 mm
Minimum module height
2.23 mm
Maximum module height
2.8 mm
Solder Balls
96.5Sn/3.5Ag
Ball diameter (typical)
0.6 mm
Table 83. MPC8535 Part Numbers Commercial Tier
Core/Platform/
DDR (MHz)
Standard Temp
Without Security
Standard Temp
With Security
Notes
600/400/400
MPC8535AVTAKG
MPC8535EAVTAKG
—
800/400/400
MPC8535AVTANG
MPC8535EAVTANG
—
1000/400/400
MPC8535AVTAQG
MPC8535EAVTAQG
—
1250/500/500
MPC8535AVTATH
MPC8535EAVTATH
—
Table 84. MPC8535 Part Numbers Industrial Tier
Core/Platform/
DDR (MHz)
Standard Temp
Without Security
Standard Temp
With Security
Extended Temp
Without Security
Extended Temp
With Security
Notes
600/400/400
MPC8535BVTAKG
MPC8535EBVTAKG
MPC8535CVTAKG
MPC8535ECVTAKG
—
800/400/400
MPC8535BVTANG
MPC8535EBVTANG
MPC8535CVTANG
MPC8535ECVTANG
1000/400/400
MPC8535BVTAQG
MPC8535EBVTAQG
MPC8535CVTAQG
MPC8535ECVTAQG
1250/500/500
MPC8535BVTATH
MPC8535EBVTATH
MPC8535CVTATH
MPC8535ECVTATH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com