Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5634MF0MMGA6 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MPC5634MF0MMGA6
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634MF0MMGA6 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPC5634MF0MMGA6 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5634MF0MMGA6 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5634MF0MMGA6 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5634MF0MMGA6 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5634MF0MMGA6 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5634MF0MMGA6 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5634MF0MMGA6 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5634MF0MMGA6 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5634MF0MMGA6 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 118 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Overview
Freescale Semiconductor
26
NOTE
In the VertiCal package, the full Nexus Auxiliary port shares balls with the addresses of the
calibration bus. Therefore multiplexed address/data bus mode must be used for the
calibration bus when using full width Nexus trace in VertiCal assembly.
The following features are implemented:
•
5-pin JTAG port (JCOMP, TDI, TDO, TMS, and TCK)
— Always available in production package
— Supports both JTAG Boundary Scan and debug modes
— 3.3 V interface
— Supports Nexus class 1 features
— Supports Nexus class 3 read/write feature
•
9-pin Reduced Port interface in 144 LQFP production package
— Alternate function as IO
— 5 V (in GPIO or alternate function mode), 3.3 V (in Nexus mode) interface
— Auxiliary Output port
– 1 MCKO (message clock out) pin
– 4 MDO (message data out) pins
–2 MSEO (message start/end out) pins
–1 EVTO (event out) pin
— Auxiliary input port
– 1 EVTI (event in) pin
•
17-pin Full Port interface in VertiCal calibration package
— 3.3 V interface
— Auxiliary Output port
– 1 MCKO (message clock out) pin
– 4 (reduced port mode) or 12 (full port mode) MDO (message data out) pins; 8 extra full port pins shared with
calibration bus
–2 MSEO (message start/end out) pins
–1 EVTO (event out) pin
— Auxiliary input port
– 1 EVTI (event in) pin
•
Host processor (e200) development support features
— IEEE-ISTO 5001-2003 standard class 2 compliant
— Program trace via branch trace messaging (BTM). Branch trace messaging displays program flow discontinuities
(direct branches, indirect branches, exceptions, etc.), allowing the development tool to interpolate what transpires
between the discontinuities. Thus, static code may be traced.
— Watchpoint trigger enable of program trace messaging
— Data Value Breakpoints (JTAG feature of the e200z335 core): allows CPU to be halted when the CPU writes a
specific value to a memory location
– 4 data value breakpoints
–CPU only
– Detects ‘equal’ and ‘not equal’
– Byte, half word, word (naturally aligned)
NOTE
This feature is imprecise due to CPU pipelining.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com