Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5634MF0MMGA6 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # MPC5634MF0MMGA6
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634MF0MMGA6 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button MPC5634MF0MMGA6 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5634MF0MMGA6 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5634MF0MMGA6 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5634MF0MMGA6 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5634MF0MMGA6 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5634MF0MMGA6 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5634MF0MMGA6 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5634MF0MMGA6 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5634MF0MMGA6 Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 118 page
background image
34 VDDE12/VSSE12 pins are to be used for decoupling capacitors only.
35 LVDS pins will not work at 3.3 V.
36 The VDDEH6 segment may be powered from 3.0 V to 5.0 V for mux address or SSI functions, but must meet the VDDA specifications of 4.5 V to 5.25 V
for analog input function.
37 If using JTAG or Nexus, the I/O segment that contains the JTAG and Nexus pins must be powered by a 5 V supply. The 3.3 V Nexus/JTAG signals are
derived from the 5 volt power supply.
Table 4. Pad types
Pad Type
Name
Suplly Voltage
Slow
pad_ssr_hv
3.0V - 5.25 V
Medium
pad_msr_hv
3.0 V - 5.25 V
Fast
pad_fc
3.0 V - 3.6 V
MultiV
pad_multv_hv
3.0 V - 5.25 V (high swing mode)
4.5 V - 5.25 V (low swing mode)
Analog
pad_ae_hv
0.0 - 5.25 V
LVDS
pad_lo_lv
—
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not available
from Freescale for import or sale in the United States prior to September 2010: MPC5634M and MPC5633M products in 208 MAPBGA packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com