Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC5633MF0MLUA6 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # PPC5633MF0MLUA6
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5633MF0MLUA6 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button PPC5633MF0MLUA6 Datasheet HTML 13Page - Freescale Semiconductor, Inc PPC5633MF0MLUA6 Datasheet HTML 14Page - Freescale Semiconductor, Inc PPC5633MF0MLUA6 Datasheet HTML 15Page - Freescale Semiconductor, Inc PPC5633MF0MLUA6 Datasheet HTML 16Page - Freescale Semiconductor, Inc PPC5633MF0MLUA6 Datasheet HTML 17Page - Freescale Semiconductor, Inc PPC5633MF0MLUA6 Datasheet HTML 18Page - Freescale Semiconductor, Inc PPC5633MF0MLUA6 Datasheet HTML 19Page - Freescale Semiconductor, Inc PPC5633MF0MLUA6 Datasheet HTML 20Page - Freescale Semiconductor, Inc PPC5633MF0MLUA6 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 118 page
background image
Overview
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
17
•
Software programmable block program/erase restriction control
•
Erase of selected block(s)
•
Read page size of 128 bits (four words)
•
ECC with single-bit correction, double-bit detection
•
Program page size of 128 bits (four words) to accelerate programming
•
ECC single-bit error corrections are visible to software
•
Minimum program size is two consecutive 32-bit words, aligned on a 0-modulo-8 byte address, due to ECC
•
Embedded hardware program and erase algorithm
•
Erase suspend, program suspend and erase-suspended program
•
Shadow information stored in non-volatile shadow block
•
Independent program/erase of the shadow block
1.3.10
SRAM
The MPC5634M SRAM module provides a general-purpose up to 94 KB memory block. The SRAM controller includes these
features:
•
Supports read/write accesses mapped to the SRAM memory from any master
•
32 KB or 24 KB block powered by separate supply for standby operation
•
Byte, halfword, word and doubleword addressable
•
ECC performs single-bit correction, double-bit detection on 32-bit data element
1.3.11
BAM
The BAM (Boot Assist Module) is a block of read-only memory that is programmed once by Freescale and is identical for all
MPC5634M MCUs. The BAM program is executed every time the MCU is powered-on or reset in normal mode. The BAM
supports different modes of booting. They are:
•
Booting from internal flash memory
•
Serial boot loading (A program is downloaded into RAM via eSCI or the FlexCAN and then executed)
•
Booting from external memory on calibration bus
The BAM also reads the reset configuration half word (RCHW) from internal flash memory and configures the MPC5634M
hardware accordingly. The BAM provides the following features:
•
Sets up MMU to cover all resources and mapping all physical address to logical addresses with minimum address
translation
•
Sets up the MMU to allow user boot code to execute as either Classic PowerPC Book E code (default) or as Freescale
VLE code
•
Detection of user boot code
•
Automatic switch to serial boot mode if internal flash is blank or invalid
•
Supports user programmable 64-bit password protection for serial boot mode
•
Supports serial bootloading via FlexCAN bus and eSCI using Freescale protocol
•
Supports serial bootloading via FlexCAN bus and eSCI with auto baud rate sensing
•
Supports serial bootloading of either Classic Power Architecture Book E code (default) or Freescale VLE code
•
Supports booting from calibration bus interface
•
Supports censorship protection for internal flash memory
•
Provides an option to enable the core watchdog timer
•
Provides an option to disable the system watchdog timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com