Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC5633MF0MLUA6 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # PPC5633MF0MLUA6
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5633MF0MLUA6 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button PPC5633MF0MLUA6 Datasheet HTML 14Page - Freescale Semiconductor, Inc PPC5633MF0MLUA6 Datasheet HTML 15Page - Freescale Semiconductor, Inc PPC5633MF0MLUA6 Datasheet HTML 16Page - Freescale Semiconductor, Inc PPC5633MF0MLUA6 Datasheet HTML 17Page - Freescale Semiconductor, Inc PPC5633MF0MLUA6 Datasheet HTML 18Page - Freescale Semiconductor, Inc PPC5633MF0MLUA6 Datasheet HTML 19Page - Freescale Semiconductor, Inc PPC5633MF0MLUA6 Datasheet HTML 20Page - Freescale Semiconductor, Inc PPC5633MF0MLUA6 Datasheet HTML 21Page - Freescale Semiconductor, Inc PPC5633MF0MLUA6 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 118 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Overview
Freescale Semiconductor
18
1.3.12
eMIOS
The eMIOS (Enhanced Modular Input Output System) module provides the functionality to generate or measuretime events.
The channels on this module provide a range of operating modes including the capability to perform dual input capture or dual
output compare as well as PWM output.
The eMIOS provides the following features:
•
16 channels (24-bit timer resolution)
•
For compatibility with other family members selected channels and timebases are implemented:
— Channels 0 to 6, 8 to 15, and 23
— Timebases A, B and C
•
Channels 1, 3, 5 and 6 support modes:
— General Purpose Input/Output (GPIO)
— Single Action Input Capture (SAIC)
— Single Action Output Compare (SAOC)
•
Channels 2, 4, 11 and 13 support all the modes above plus:
— Output Pulse Width Modulation Buffered (OPWMB)
•
Channels 0, 8, 9, 10, 12, 14, 15, 23 support all the modes above plus:
— Input Period Measurement (IPM)
— Input Pulse Width Measurement (IPWM)
— Double Action Output Compare (set flag on both matches) (DAOC)
— Modulus Counter Buffered (MCB)
— Output Pulse Width and Frequency Modulation Buffered (OPWFMB)
•
Three 24-bit wide counter buses
— Counter bus A can be driven by channel 23 or by the eTPU2 and all channels can use it as a reference
— Counter bus B is driven by channel 0 and channels 0 to 6 can use it as a reference
— Counter bus C is driven by channel 8 and channels 8 to 15 can use it as a reference
•
Shared time bases with the eTPU through the counter buses
•
Synchronization among internal and external time bases
1.3.13
eTPU2
The eTPU2 is an enhanced co-processor designed for timing control. Operating in parallel with the host CPU, eTPU2 processes
instructions and real-time input events, performs output waveform generation, and accesses shared data without host
intervention. Consequently, for each timer event, the host CPU setup and service times are minimized or eliminated. A powerful
timer subsystem is formed by combining the eTPU2 with its own instruction and data RAM. High-level assembler/compiler
and documentation allows customers to develop their own functions on the eTPU2.
The eTPU2 includes these distinctive features:
•
32 channels, each channel is associated with one input and one output signal
— Enhanced input digital filters on the input pins for improved noise immunity.
— Identical, orthogonal channels: each channel can perform any time function. Each time function can be assigned
to more than one channel as a given time, so each signal can have any functionality.
— Each channel has an event mechanism which supports single and double action functionality in various
combinations. It includes two 24-bit capture registers, two 24-bit match registers, 24-bit greater-equal and
equal-only comparators
— Input and output signal states visible from the host
•
2 independent 24-bit time bases for channel synchronization:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com