Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM48AM3284LBA-75FS Datasheet(PDF) 10 Page - Eorex Corporation

Part # EM48AM3284LBA-75FS
Description  512Mb (4M횞4Bank횞32) Synchronous DRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM48AM3284LBA-75FS Datasheet(HTML) 10 Page - Eorex Corporation

Back Button EM48AM3284LBA-75FS Datasheet HTML 6Page - Eorex Corporation EM48AM3284LBA-75FS Datasheet HTML 7Page - Eorex Corporation EM48AM3284LBA-75FS Datasheet HTML 8Page - Eorex Corporation EM48AM3284LBA-75FS Datasheet HTML 9Page - Eorex Corporation EM48AM3284LBA-75FS Datasheet HTML 10Page - Eorex Corporation EM48AM3284LBA-75FS Datasheet HTML 11Page - Eorex Corporation EM48AM3284LBA-75FS Datasheet HTML 12Page - Eorex Corporation EM48AM3284LBA-75FS Datasheet HTML 13Page - Eorex Corporation EM48AM3284LBA-75FS Datasheet HTML 14Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
eorex
EM48AM3284LBA
Jan. 2009
www.eorex.com
10/22
AC Operating Test Conditions
(VDD=1.8V ± 0.1V, TA=0°C ~70°C)
Item
Conditions
Output Reference Level
0.9V/0.9V
Output Load
See diagram as below
Input Signal Level
1.6V/0.2V
Transition Time of Input Signals
0.5ns
Input Reference Level
0.9V
AC Operating Test Characteristics
(VDD=1.8V ± 0.1V, TA=0°C ~70°C)
-6
-7.5
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
CL=3
6
7.5
tCK
Clock Cycle Time
CL=2
12
12
ns
CL=3
5.4
6
tAC
Access Time form CLK
CL=2
8
8
ns
tCH
CLK High Level Width
2.5
2.5
ns
tCL
CLK Low Level Width
2.5
2.5
ns
CL=3
2
2
tOH
Data-out Hold Time
CL=2
2
2
ns
CL=3
5.4
6
tHZ
Data-out High Impedance
Time
(Note 5)
CL=2
8
8
ns
tLZ
Data-out Low Impedance Time
0
0
ns
tIH
Input Hold Time
1
1
ns
tIS
Input Setup Time
1.5
1.5
ns
* All voltages referenced to VSS.
Note 5: tHZ defines the time at which the output achieve the open circuit condition and is not referenced to
output voltage levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com