Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM48AM3284LBA-75FS Datasheet(PDF) 6 Page - Eorex Corporation

Part # EM48AM3284LBA-75FS
Description  512Mb (4M횞4Bank횞32) Synchronous DRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM48AM3284LBA-75FS Datasheet(HTML) 6 Page - Eorex Corporation

Back Button EM48AM3284LBA-75FS Datasheet HTML 2Page - Eorex Corporation EM48AM3284LBA-75FS Datasheet HTML 3Page - Eorex Corporation EM48AM3284LBA-75FS Datasheet HTML 4Page - Eorex Corporation EM48AM3284LBA-75FS Datasheet HTML 5Page - Eorex Corporation EM48AM3284LBA-75FS Datasheet HTML 6Page - Eorex Corporation EM48AM3284LBA-75FS Datasheet HTML 7Page - Eorex Corporation EM48AM3284LBA-75FS Datasheet HTML 8Page - Eorex Corporation EM48AM3284LBA-75FS Datasheet HTML 9Page - Eorex Corporation EM48AM3284LBA-75FS Datasheet HTML 10Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
eorex
EM48AM3284LBA
Jan. 2009
www.eorex.com
6/22
Absolute Maximum Rating
Symbol
Item
Rating
Units
VIN, VOUT
Input, Output Voltage
-0.5 ~ +2.3
V
VDD, VDDQ
Power Supply Voltage
-0.5 ~ +2.3
V
Commercial
0 ~ +70
TOP
Operating Temperature Range
Extended
-25 ~ +85
°C
TSTG
Storage Temperature Range
-55 ~ +125
°C
PD
Power Dissipation
1
W
IOS
Short Circuit Current
50
mA
Note: Caution Exposing the device to stress above those listed in Absolute Maximum Ratings could
cause permanent damage. The device is not meant to be operated under conditions outside the
limits described in the operational section of this specification. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability.
Capacitance (VCC=1.8V ± 0.1V, f=1MHz, TA=25°C)
Symbol
Parameter
Min.
Typ.
Max.
Units
CCLK
Clock Capacitance
2.0
4.5
pF
CI
Input Capacitance for CLK, CKE, Address,
/CS, /RAS, /CAS, /WE, DQML, DQMU
2.0
4.5
pF
CO
Input/Output Capacitance
3.5
6.0
pF
Recommended DC Operating Conditions (TA=0°C ~70°C)
Symbol
Parameter
Min.
Typ.
Max.
Units
VDD
Power Supply Voltage
Note
1.7
1.8
1.9
V
VDDQ
Power Supply Voltage (for I/O Buffer)
1.7
1.8
1.9
V
VIH
Input Logic High Voltage
0.8*VDDQ
VDDQ+0.3
V
VIL
Input Logic Low Voltage
-0.3
0.3
V
Note: * All voltages referred to VSS.
* VIH (max.) = 2.3V for pulse width ≤ 5ns
* VIL (min.) = -0.5V for pulse width ≤ 5ns
* VDD/VDDQ min spec= 1.75V for 166MHz speed
* VDD/VDDQ max spec= 1.95V for 166MHz speed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com