Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM48AM3284LBA-6FS Datasheet(PDF) 16 Page - Eorex Corporation

Part # EM48AM3284LBA-6FS
Description  512Mb (4M횞4Bank횞32) Synchronous DRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM48AM3284LBA-6FS Datasheet(HTML) 16 Page - Eorex Corporation

Back Button EM48AM3284LBA-6FS Datasheet HTML 12Page - Eorex Corporation EM48AM3284LBA-6FS Datasheet HTML 13Page - Eorex Corporation EM48AM3284LBA-6FS Datasheet HTML 14Page - Eorex Corporation EM48AM3284LBA-6FS Datasheet HTML 15Page - Eorex Corporation EM48AM3284LBA-6FS Datasheet HTML 16Page - Eorex Corporation EM48AM3284LBA-6FS Datasheet HTML 17Page - Eorex Corporation EM48AM3284LBA-6FS Datasheet HTML 18Page - Eorex Corporation EM48AM3284LBA-6FS Datasheet HTML 19Page - Eorex Corporation EM48AM3284LBA-6FS Datasheet HTML 20Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
eorex
EM48AM3284LBA
Jan. 2009
www.eorex.com
16/22
Output Drive Strength
The normal drive strength got all outputs is specified to be LV-CMOS. By setting EMRS specific parameter
on A6 and A5, driving capability of data output drivers is selected.
Partial Array Self Refresh
In EMRS setting A0~A2 ,memory array size to be refreshed during self-refresh operation is programmable in
order to reduce power. Data outside the defined area will not be retained during self-refresh.
Auto Temperature Compensated Self Refresh (ATCSR)
In EMRS setting A9=0 , With the built-in temperature sensor, the internal self refresh frequency is controlled
autonomously..
1. Command Truth Table
CKE
Command
Symbol
n-1
n
/CS
/RAS
/CAS
/WE
BA0,
BA1
A10
A11,
A9~A10
Ignore Command
DESL
H
X
H
X
X
X
X
X
X
No Operation
NOP
H
X
L
H
H
H
X
X
X
Burst Stop
BSTH
H
X
L
H
H
L
X
X
X
Read
READ
H
X
L
H
L
H
V
L
V
Read with Auto Pre-charge
READA
H
X
L
H
L
H
V
H
V
Write
WRIT
H
X
L
H
L
L
V
L
V
Write with Auto Pre-charge
WRITA
H
X
L
L
H
H
V
H
V
Bank Activate
ACT
H
X
L
L
H
H
V
V
V
Pre-charge Select Bank
PRE
H
X
L
L
H
L
V
L
X
Pre-charge All Banks
PALL
H
X
L
L
H
L
X
H
X
Mode Register Set
MRS
H
X
L
L
L
L
L
L
V
H = High level, L = Low level, X = High or Low level (Don't care), V = Valid data input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com