Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM48AM3284LBA-6FS Datasheet(PDF) 20 Page - Eorex Corporation

Part # EM48AM3284LBA-6FS
Description  512Mb (4M횞4Bank횞32) Synchronous DRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM48AM3284LBA-6FS Datasheet(HTML) 20 Page - Eorex Corporation

Back Button EM48AM3284LBA-6FS Datasheet HTML 14Page - Eorex Corporation EM48AM3284LBA-6FS Datasheet HTML 15Page - Eorex Corporation EM48AM3284LBA-6FS Datasheet HTML 16Page - Eorex Corporation EM48AM3284LBA-6FS Datasheet HTML 17Page - Eorex Corporation EM48AM3284LBA-6FS Datasheet HTML 18Page - Eorex Corporation EM48AM3284LBA-6FS Datasheet HTML 19Page - Eorex Corporation EM48AM3284LBA-6FS Datasheet HTML 20Page - Eorex Corporation EM48AM3284LBA-6FS Datasheet HTML 21Page - Eorex Corporation EM48AM3284LBA-6FS Datasheet HTML 22Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
eorex
EM48AM3284LBA
Jan. 2009
www.eorex.com
20/22
4. Operative Command Table (Continued)
(Note 7)
Current
State
/CS
/R
/C
/W
Addr.
Command
Action
H
X
X
X
X
DESL
Nop
→ Enter row active after t
DPL
L
H
H
H
X
NOP
Nop
→ Enter row active after t
DPL
L
H
H
L
X
BST
Nop
→ Enter row active after t
DPL
L
H
L
H
BA/CA/A10
READ/READA
Start read, Determine AP
L
H
L
L
BA/CA/A10
WRIT/WRITA
New write, Determine AP
(Note 14)
L
L
H
H
BA/RA
ACT
ILLEGAL
(Note 9)
L
L
H
L
BA, A10
PRE/PALL
ILLEGAL
(Note 9)
L
L
L
H
X
REF/SELF
ILLEGAL
Write
Recovering
L
L
L
L
Op-Code
MRS
ILLEGAL
H
X
X
X
X
DESL
Nop
→ Enter pre-charge after t
DPL
L
H
H
H
X
NOP
Nop
→ Enter pre-charge after t
DPL
L
H
H
L
X
BST
Nop
→ Enter pre-charge after t
DPL
L
H
L
H
BA/CA/A10
READ/READA
ILLEGAL
(Note 9, 14)
L
H
L
L
BA/CA/A10
WRIT/WRITA
ILLEGAL
(Note 9)
L
L
H
H
BA/RA
ACT
ILLEGAL
(Note 9)
L
L
H
L
BA, A10
PRE/PALL
ILLEGAL
L
L
L
H
X
REF/SELF
ILLEGAL
Write
Recovering
with AP
L
L
L
L
Op-Code
MRS
ILLEGAL
H
X
X
X
X
DESL
Nop
→ Enter idle after t
RC
L
H
H
X
X
NOP/BST
Nop
→ Enter idle after t
RC
L
H
L
X
X
READ/WRIT
ILLEGAL
L
L
H
X
X
ACT/PRE/PALL
ILLEGAL
Refreshing
L
L
L
X
X
REF/SELF/MRS
ILLEGAL
H
X
X
X
X
DESL
Nop
L
H
H
H
X
NOP
Nop
L
H
H
L
X
BST
ILLEGAL
L
H
L
X
X
READ/WRIT
ILLEGAL
Mode
Register
Accessing
L
L
X
X
X
ACT/PRE/PALL/
REF/SELF/MRS
ILLEGAL
Remark H = High level, L = Low level, X = High or Low level (Don't care), AP = Auto Pre-charge
Note 7:
All entries assume that CKE was active (High level) during the preceding clock cycle.
Note 8:
If all banks are idle, and CKE is inactive (Low level), SDRAM will enter Power down mode.
All input buffers except CKE will be disabled.
Note 9: Illegal to bank in specified states;
Function may be legal in the bank indicated by Bank Address (BA), depending on the state of
that bank.
Note 10: If all banks are idle, and CKE is inactive (Low level), SDRAM will enter Self refresh mode.
All input buffers except CKE will be disabled.
Note 11: Illegal if tRCD is not satisfied.
Note 12: Illegal if tRAS is not satisfied.
Note 13: Must satisfy burst interrupt condition.
Note 14: Must satisfy bus contention, bus turn around, and/or write recovery requirements.
Note 15: Must mask preceding data which don't satisfy tDPL.
Note 16: Illegal if tRRD is not satisfied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com