Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSD511/2DBK-XX-PF Datasheet(PDF) 7 Page - LIGITEK electronics co., ltd.

Part # LSD511/2DBK-XX-PF
Description  SINGLE DIGIT LED DISPLAY (0.56 Inch)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD511/2DBK-XX-PF Datasheet(HTML) 7 Page - LIGITEK electronics co., ltd.

Back Button LSD511/2DBK-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD511/2DBK-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD511/2DBK-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD511/2DBK-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD511/2DBK-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD511/2DBK-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD511/2DBK-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD511/2DBK-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd. LSD511/2DBK-XX-PF Datasheet HTML 10Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Fig.5 Relative Intensity vs. Wavelength
Typical Electro-Optical Characteristics Curve
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
1.0
3.0
4.0
0 1
1.0
Wavelength (nm)
450
0.0
400
500
550
0.5
0.5
20
Ambient Temperature(
℃)
Ambient Temperature(
℃)
0
-20
-40
0.8
0
-40
-20
100
80
60
40
20
0.0
60
100
80
40
Fig.4 Relative Intensity vs. Temperature
2.5
1.0
0.9
1.1
1.5
1.0
2.0
Fig.3 Forward Voltage vs. Temperature
1.2
3.0
Forward Current(mA)
Forward Voltage(V)
2.0
5.0
1
10
0.0
0.5
1.0
1.5
2.0
100
1000
Fig.2 Relative Intensity vs. Forward Current
Fig.1 Forward current vs. Forward Voltage
2.5
3.0
1
10
100
1000
DBK CHIP
Page 6/8
PART NO. LSD511/2DBK-XX-PF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com