Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSD511/2DBK-XX-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LSD511/2DBK-XX-PF
Description  SINGLE DIGIT LED DISPLAY (0.56 Inch)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD511/2DBK-XX-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LSD511/2DBK-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD511/2DBK-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD511/2DBK-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD511/2DBK-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD511/2DBK-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD511/2DBK-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD511/2DBK-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD511/2DBK-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD511/2DBK-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Note : 1.All dimension are in millimeters and (lnch) tolerance is
±0.25(0.01") unless otherwise noted.
2.Specifications are subject to change without notice.
Package Dimensions
PART NO.
E
19.0
(0.748")
14.2
(0.56")
15.2
(0.598")
PIN NO.1
2.54X2
Ø0.51
TYP
2.3
4.2
±0.5
2.3
LSD511/2DBK-XX-PF
LIGITEK
D
ψ1.6(0.063")
DP
C
8.0
(0.315")
12.5
(0.492")
G
A
F
B
LSD511/2DBK-XX-PF
Page 1/8
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com