Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTL2V3EUJS-S-032A Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LTL2V3EUJS-S-032A
Description  Property of Lite-On Only
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2V3EUJS-S-032A Datasheet(HTML) 7 Page - Lite-On Technology Corporation

Back Button LTL2V3EUJS-S-032A Datasheet HTML 3Page - Lite-On Technology Corporation LTL2V3EUJS-S-032A Datasheet HTML 4Page - Lite-On Technology Corporation LTL2V3EUJS-S-032A Datasheet HTML 5Page - Lite-On Technology Corporation LTL2V3EUJS-S-032A Datasheet HTML 6Page - Lite-On Technology Corporation LTL2V3EUJS-S-032A Datasheet HTML 7Page - Lite-On Technology Corporation LTL2V3EUJS-S-032A Datasheet HTML 8Page - Lite-On Technology Corporation LTL2V3EUJS-S-032A Datasheet HTML 9Page - Lite-On Technology Corporation LTL2V3EUJS-S-032A Datasheet HTML 10Page - Lite-On Technology Corporation LTL2V3EUJS-S-032A Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Bin Table Specifications
Luminous Intensity Iv(mcd)
IF@20mA
Bin Code
Min.
Max.
T
2500
3200
U
3200
4200
V
4200
5500
W
5500
7200
Note: Tolerance of each bin limit is ±15%
Forward Voltage (Volts)
IF@20mA
Bin Code
Min.
Max.
1A
1.9
2.1
2B
2.1
2.4
Note: Tolerance of measurement precision is ±0.05V
Part No. : LTL2V3EUJS-S-032A
Page :
7
of
11
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com