Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTL2V3EUJS-S-032A Datasheet(PDF) 9 Page - Lite-On Technology Corporation

Part # LTL2V3EUJS-S-032A
Description  Property of Lite-On Only
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2V3EUJS-S-032A Datasheet(HTML) 9 Page - Lite-On Technology Corporation

Back Button LTL2V3EUJS-S-032A Datasheet HTML 3Page - Lite-On Technology Corporation LTL2V3EUJS-S-032A Datasheet HTML 4Page - Lite-On Technology Corporation LTL2V3EUJS-S-032A Datasheet HTML 5Page - Lite-On Technology Corporation LTL2V3EUJS-S-032A Datasheet HTML 6Page - Lite-On Technology Corporation LTL2V3EUJS-S-032A Datasheet HTML 7Page - Lite-On Technology Corporation LTL2V3EUJS-S-032A Datasheet HTML 8Page - Lite-On Technology Corporation LTL2V3EUJS-S-032A Datasheet HTML 9Page - Lite-On Technology Corporation LTL2V3EUJS-S-032A Datasheet HTML 10Page - Lite-On Technology Corporation LTL2V3EUJS-S-032A Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
6. Drive Method
An LED is a current-operated device. In order to ensure intensity uniformity on multiple LEDs
connected in parallel in an application, it is recommended that a current limiting resistor be
incorporated in the drive circuit, in series with each LED as shown in Circuit A below.
Circuit model A
Circuit model B
LED
LED
(A) Recommended circuit
(B) The brightness of each LED might appear different due to the differences in the I-V characteristics
of those LEDs
7. ESD (Electrostatic Discharge)
Static Electricity or power surge will damage the LED.
Suggestions to prevent ESD damage:
Use a conductive wrist band or anti- electrostatic glove when handling these LEDs
All devices, equipment, and machinery must be properly grounded
Work tables, storage racks, etc. should be properly grounded
Use ion blower to neutralize the static charge which might have built up on surface of the LEDs
plastic lens as a result of friction between LEDs during storage and handing
Part No. : LTL2V3EUJS-S-032A
Page :
9
of
11
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com