Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7632 Datasheet(PDF) 85 Page - Sitronix Technology Co., Ltd.

Part # ST7632
Description  4K Color Dot Matrix LCD Controller/Driver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7632 Datasheet(HTML) 85 Page - Sitronix Technology Co., Ltd.

Back Button ST7632 Datasheet HTML 81Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 82Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 83Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 84Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 85Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 86Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 87Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 88Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 89Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 96 page
background image
ST7632
Ver 1.7
85/96
2006/08/15
14. THE MPU INTERFACE (REFERENCE EXAMPLES)
The ST7632 Series can be connected to either 8080 Series MPUs or to 6800 Series MPUs. Moreover, using the serial
interface it is possible to operate the ST7632 series chips with fewer signal lines.
The display area can be enlarged by using multiple ST7632 Series chips. When this is done, the chip select signal can be
used to select the individual Ics to access.
(1) 8080 Series MPUs
A0
DO to D7
RD
WR
RES
VCC
GND
A0
CS1
D0 to D7
E (/RD)
R/W (/WR)
/RES
VDD
VSS
RESET
VDD
VSS
CS1
IF1
IF2
IF3
(2) 6800 Series MPUs
A0
DO to D7
RD
WR
RES
VCC
GND
A0
D 0 to D7
/RD (E)
/W R (R/W)
/RES
V DD
V SS
CS1
RESET
VDD
V SS
CS1
IF1
IF2
IF3
(3) Using the Serial Interface (4-line interface)
A0
Port 1
Port 2
RES
V CC
GND
A0
CS1
SI
SCL
/RES
V DD
V SS
RESET
VDD
V SS
CS1
IF1
IF2
IF3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com