Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7632 Datasheet(PDF) 91 Page - Sitronix Technology Co., Ltd.

Part # ST7632
Description  4K Color Dot Matrix LCD Controller/Driver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7632 Datasheet(HTML) 91 Page - Sitronix Technology Co., Ltd.

Back Button ST7632 Datasheet HTML 87Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 88Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 89Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 90Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 91Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 92Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 93Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 94Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 95Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 96 page
background image
ST7632
Ver 1.7
91/96
2006/08/15
(E) 4 Lines (8 bits)
interface (V0 and VLCD
–internal )
C1
2.2uF
C2
2.2uF
Note :
4 Lines (8 bits) interface
IF1: IF2: IF3 = 0 : 0: 0
CLS='1',using inte rnal colock
Vdd operation voltage range 2.0V to 3.6V
Vdd2 ope ration voltage range 2.4 V to 3.3 V
Vop=12~14V
C3
C4
C5
C6
C7
C3~C7=1uF~3.3uF
C8
C9
C8,C9=0.1uF~1uF
COM100
465
COM101
466
COM102
467
COM131
496
COM0
632
COM1
633
COM2
634
COM31
663
ST7632
COM130
495
COM129
494
COM29
662
COM28
661
C?
Vss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com