Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CM4532R18ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # CM4532R18ML
Description  WOUND CHIP INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

CM4532R18ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  CM4532R18ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp CM4532R18ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp CM4532R18ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp CM4532R18ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp CM4532R18ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp CM4532R18ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp CM4532R18ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp CM4532R18ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3.60
170
12
±10%
2.52
27.00
CM4532270KL□
50
-□□□
4.50
6.00
5.00
5.50
4.00
8.00
10.00
9.00
9.50
12.00
14.00
7.00
8.00
26.00
30.00
30.00
35.00
40.00
18.00
□
□□
2)."-
":Reference code
AR-001A
1). □:Packaging information … A:Bulk B:Taping Reel
33.00
39.00
47.00
56.00
68.00
82.00
100.00
120.00
150.00
180.00
220.00
270.00
330.00
390.00
470.00
560.00
680.00
820.00
1000.00
CM4532221KL□ -□□□
CM4532102KL□
CM4532821KL□
CM4532681KL□
CM4532561KL□
CM4532471KL□
CM4532391KL□
CM4532331KL□
CM4532271KL□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
CM4532101KL□
CM4532121KL□
CM4532151KL□
CM4532181KL□
CM4532820KL□
CM4532680KL□
CM4532560KL□
CM4532470KL□
CM4532330KL□
CM4532390KL□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
4.0
±10%
0.796
40
±10%
30
±10%
±10%
±10%
20
30
30
±10%
±10%
±10%
±10%
40
40
40
40
3.0
0.796
0.252
0.796
0.796
2.5
2.5
3.0
0.796
0.796
0.796
0.796
3.0
3.0
4.0
3.5
50
±10%
±10%
±10%
±10%
±10%
±10%
40
40
40
50
40
±10%
±10%
±10%
±10%
50
50
50
50
9.0
2.52
0.796
0.796
0.796
2.52
0.796
6.0
5.0
5.0
8.0
8.0
2.52
2.52
2.52
2.52
10
9.0
11
10
100
50
30
50
30
62
80
92
85
130
110
105
102
120
110
150
140
135
160
0.55
0.50
0.70
0.60
0.65
0.90
1.20
1.00
1.10
0.75
0.80
0.45
max.
2.00
3.20
2.50
2.80
1.40
1.60
( Ω )
RDC
0.18
0.20
0.25
0.22
0.24
0.28
0.30
0.40
0.32
0.36
0.26
SPECIFICATION FOR APPROVAL
CM4532□□□□L□-□□□
150
±20%
25.2
0.39
CM4532R39ML□
40
-□□□
0.47
0.56
0.68
0.82
1.00
1.20
1.50
1.80
2.20
2.70
3.30
3.90
4.70
5.60
6.80
12.00
15.00
18.00
22.00
8.20
10.00
CM45323R3KL□ -□□□
CM45323R9KL□
CM45324R7KL□
CM45328R2KL□
CM45326R8KL□
CM4532100KL□
CM4532120KL□
CM45325R6KL□
CM4532220KL□
CM4532180KL□
CM4532150KL□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
CM45322R7KL□
CM45322R2KL□
CM4532R56ML□
CM4532R68ML□
CM4532R82ML□
CM45321R0KL□
CM45321R8KL□
CM45321R5KL□
CM45321R2KL□
CM4532R47ML□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
45
±10%
7.96
50
±10%
50
±10%
±10%
±10%
±10%
±10%
50
50
50
50
50
±10%
±10%
±10%
±10%
50
50
50
50
25
7.96
2.52
2.52
2.52
2.52
2.52
17
15
13
20
18
7.96
7.96
7.96
7.96
33
27
35
40
50
±10%
±10%
±10%
±10%
±10%
±10%
50
50
50
50
50
±20%
±20%
±20%
±20%
40
40
40
40
100
7.96
7.96
7.96
7.96
7.96
7.96
60
50
55
80
70
25.2
25.2
25.2
25.2
135
130
145
140
Inductance
( µH )
0.10
0.12
0.15
0.18
0.22
0.27
0.33
Ⅴ﹒
ELECTRICAL CHARACTERISTICS:
WOUND CHIP INDUCTOR
DWG No.
CM4532R10ML□
CM4532R27ML□
CM4532R33ML□
CM4532R22ML□
CM4532R18ML□
CM4532R15ML□
CM4532R12ML□ -□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
NAME
PROD.
REF :
Test
Freq.
( MHz )
±20%
35
±20%
±20%
±20%
±20%
±20%
40
40
40
35
35
±20%
min.
35
Q
280
25.2
25.2
25.2
25.2
25.2
25.2
200
180
165
250
220
SRF
( MHz )
min.
25.2
300
ABC'S DWG NO.
ABC'S ITEM NO.
575
355
270
225
180
200
190
250
330
285
315
300
450
430
380
410
390
370
475
500
520
545
770
730
700
665
605
635
max.
IDC
( mA )
800
PAGE: 2
20070813-E



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com