Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ENC424J600 Datasheet(PDF) 47 Page - Microchip Technology

Part # ENC424J600
Description  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600 Datasheet(HTML) 47 Page - Microchip Technology

Back Button ENC424J600 Datasheet HTML 43Page - Microchip Technology ENC424J600 Datasheet HTML 44Page - Microchip Technology ENC424J600 Datasheet HTML 45Page - Microchip Technology ENC424J600 Datasheet HTML 46Page - Microchip Technology ENC424J600 Datasheet HTML 47Page - Microchip Technology ENC424J600 Datasheet HTML 48Page - Microchip Technology ENC424J600 Datasheet HTML 49Page - Microchip Technology ENC424J600 Datasheet HTML 50Page - Microchip Technology ENC424J600 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 168 page
background image
 2010 Microchip Technology Inc.
DS39935C-page 45
ENC424J600/624J600
4.6
N-Byte Instructions
N-byte instructions make up the most versatile class of
SPI commands, as they can read or write to any
addressable SFR or SRAM space. Their name comes
from their variable length nature; they require a mini-
mum of two bytes, but can take an indefinite number of
bytes of data argument, or return an unlimited number
of output bytes. This makes them useful for reading or
writing entire arrays of data to or from the SRAM buffer.
Since these instructions are of an intrinsically variable
length, no other opcode may follow any N-byte
instruction until the CS line is driven high. Driving CS
high terminates the instruction and then places the SO
pin in a high-impedance state.
The format of the N-byte instructions differs depending
on if a read versus a write command is executed, and
if a banked SFR, unbanked SFR or SRAM location is
accessed. The differences are discussed in the
following sections.
4.6.1
BANKED SFR OPERATION
The N-byte Banked SFR instructions are WCR, RCR, BFS
and BFC. These instructions depend on the use of the
appropriate BxSEL instructions to select the proper SFR
bank prior to their execution. Because of this, they
cannot be used for the unbanked SFR space (80h
through 9Fh).
Figure 4-5 shows the timing relationships for these
operations. Like all other opcodes, data must be
presented on the SI pin, MSb first. For all banked
instructions, the first byte of data must be the opcode,
comprised of a 3-bit prefix designating the instruction
and a 5-bit banked SFR address. If the instruction is a
write or bit field set/clear opcode, the next bytes are the
data or bit mask to be written. For read instructions, the
next bytes on the SI pin are “don’t care”.
For write and bit field set/clear instructions, the SO pin
is actively driven with indeterminate ‘1’s or ‘0’s while
the CS pin is driven low. For read instructions, indeter-
minate data is clocked out on SO during SCK clocks,
1 through 8. Starting with the 9th clock, valid data is
clocked out byte-wise on SO, MSb first.
As long as the CS pin is held low, clocks on SCK are
provided and data is presented on SI, the instruction
continues to execute indefinitely, automatically incre-
menting to the next register address in the SFR Bank
and writing data from SI to, or outputting data on SO
from, subsequent registers. When the end of a bank is
reached, the address automatically wraps back to the
beginning (00h) of the bank and continues; the
selected bank does not change.
FIGURE 4-5:
N-BYTE SPI INSTRUCTION TIMING (BANKED SFR OPERATIONS)
CS
SCK
SI
SO
x
x
x
x
x
x
x
x
Hi-Z
d5 d4 d3 d2 d1
d6
d7
d0
x
x
x
D0
a4 a3 a2
D7 D6 D5 D4 D3 D2 D1
x
x
x
x
x
x
x
x
x
x
x
x
x
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Opcode w/SFR Address
Write 1st Byte
Write 2nd Byte
(optional)
25 26 27
D7 D6 D5
x
x
x
Additional
c7 c6 c5
a1 a0
CS
SCK
SI
SO
x
x
x
x
x
x
x
x
Hi-Z
D7 D6 D5
a4 a3 a2
d7 d6 d5 d4 d3 d2 d1 d0
D4 D3 D2 D1 D0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Read 1st Byte
Read 2nd Byte
(optional)
25 26 27
D7 D6 D5
Additional
c7 c6 c5
a1 a0
Opcode w/SFR Address
Write Operation
Read Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com