Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B84113C Datasheet(PDF) 4 Page - EPCOS

Part # B84113C
Description  EMC filters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84113C Datasheet(HTML) 4 Page - EPCOS

  B84113C Datasheet HTML 1Page - EPCOS B84113C Datasheet HTML 2Page - EPCOS B84113C Datasheet HTML 3Page - EPCOS B84113C Datasheet HTML 4Page - EPCOS B84113C Datasheet HTML 5Page - EPCOS B84113C Datasheet HTML 6Page - EPCOS B84113C Datasheet HTML 7Page - EPCOS B84113C Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2-line filters
B84113C
SIFI-C for very high insertion loss
Case styles and dimensions
Case
style
IR
A
Dimensions (mm)
b1
b2
b3
b4
l1
l2
l3
l4
h1
h2
Litz
mm2
Style
1015
A
B
K
L
3
3
3
3
50.8
50.8
50.8
50.8
31.5
31.5
—
—
60.4
—
—
—
70
—
—
—
63.5
63.5
63.5
63.5
—
74.7
—
74.7
—
84.5
—
84.5
89.5
89.5
—
—
38.1
38.1
38
38.1
28
28
—
—
—
—
—
0.82
—
—
—
AWG18
A
B
L
6
6
6
See dimensional drawing
See dimensional drawing
50.8 —
—
—
133 142.9 153
—
44.5 —
0.82
AWG18
A
B
L
10
10
10
See dimensional drawing
See dimensional drawing
50.8 —
—
—
133 142.9 153
—
44.5 —
1.35
AWG16
Case style A
Case style A
3 A (B84113C0000A030)
6 and 10 A (B84113C0000A060, A110)
31.5
50.8
Tab connector A6.3 x 0.8
SSB0531-6-E
ø4.7
Tab connector A6.3 x 0.8
b1
b2
b3
b4
ø4.7
60.4
70
SSB0261-9-E
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com