Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B84113C Datasheet(PDF) 6 Page - EPCOS

Part # B84113C
Description  EMC filters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84113C Datasheet(HTML) 6 Page - EPCOS

  B84113C Datasheet HTML 1Page - EPCOS B84113C Datasheet HTML 2Page - EPCOS B84113C Datasheet HTML 3Page - EPCOS B84113C Datasheet HTML 4Page - EPCOS B84113C Datasheet HTML 5Page - EPCOS B84113C Datasheet HTML 6Page - EPCOS B84113C Datasheet HTML 7Page - EPCOS B84113C Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2-line filters
B84113C
SIFI-C for very high insertion loss
Insertion loss (typical values at Z = 50
Ω)
unsymmetrical, adjacent branches terminated
common mode, all branches in parallel (asymmetrical)
differential mode (symmetrical)
Filters for 3 A
Filters for 6 A
100
SSB0258-P
100
SSB0259-X
dB
dB
α
α
80
60
40
20
0
10 4
10 5
10 6
10 7
Hz 10 8
f
Filters for 10 A
B84113C0000*030
80
60
40
20
0
10 4
10 5
10 6
10 7
Hz 10 8
f
B84113C0000*060
100
dB
α
80
60
40
20
0
10 4
B84113C0000*110
SSB0260-1
10 5
10 6
10 7
Hz 10 8
f
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com