Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B84143B0600S080 Datasheet(PDF) 8 Page - EPCOS

Part # B84143B0600S080
Description  EMC filters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84143B0600S080 Datasheet(HTML) 8 Page - EPCOS

Back Button B84143B0600S080 Datasheet HTML 3Page - EPCOS B84143B0600S080 Datasheet HTML 4Page - EPCOS B84143B0600S080 Datasheet HTML 5Page - EPCOS B84143B0600S080 Datasheet HTML 6Page - EPCOS B84143B0600S080 Datasheet HTML 7Page - EPCOS B84143B0600S080 Datasheet HTML 8Page - EPCOS B84143B0600S080 Datasheet HTML 9Page - EPCOS B84143B0600S080 Datasheet HTML 10Page - EPCOS B84143B0600S080 Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
01/06
Please read Cautions and warnings and
Important notes at the end of this document.
Insertion loss (typical values at Z = 50
Ω)
unsymmetrical, adjacent branches terminated
common mode, all branches in parallel (asymmetrical)
differential mode (symmetrical)
Filters for 180 A and 250 A
Filters for 320 A and 400 A
Filters for 600 A
Filters for 1000 A
SSB2003-F
10 4
Hz
5
10
10 6
10 7
10 8
0
f
20
40
60
80
dB
100
B84143B0180S08*
B84143B0250S08*
α
SSB2004-N
10 4
Hz
5
10
10 6
10 7
10 8
0
f
20
40
60
80
dB
100
B84143B0320S08*
B84143B0400S08*
α
SSB2005-W
10 4
Hz
5
10
10 6
10 7
10 8
0
f
20
40
60
80
dB
100
B84143B0600S08*
α
SSB2006-5
10 4
Hz
5
10
10 6
10 7
10 8
0
f
20
40
60
80
dB
100
B84143B1000S08*
α
B84143B*S080, S081
3-line filters
for converters and power electronics



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com