Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B84143B0600S080 Datasheet(PDF) 6 Page - EPCOS

Part # B84143B0600S080
Description  EMC filters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84143B0600S080 Datasheet(HTML) 6 Page - EPCOS

Back Button B84143B0600S080 Datasheet HTML 2Page - EPCOS B84143B0600S080 Datasheet HTML 3Page - EPCOS B84143B0600S080 Datasheet HTML 4Page - EPCOS B84143B0600S080 Datasheet HTML 5Page - EPCOS B84143B0600S080 Datasheet HTML 6Page - EPCOS B84143B0600S080 Datasheet HTML 7Page - EPCOS B84143B0600S080 Datasheet HTML 8Page - EPCOS B84143B0600S080 Datasheet HTML 9Page - EPCOS B84143B0600S080 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
3-line filters
B84143B*S080, S081
for converters and power electronics
B84143B0600S08* (600 A)
B84143B1000S08* (1000 A)
SSB2149-U
170±0.5
230
Marking
LINE LOAD
L1
L2
L3
L1’
L2’
L3’
290±2
ø11
90
140
ø12
40±3
15
40±3
15
240±1
L1
L1’
370±2.5
ø14
142
210
ø12
52±3
20
52±3
20
300
Marking
LINE
LOAD
L2
L3
L2’
L3’
SSB2150-X
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com