Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS1154 Datasheet(PDF) 2 Page - ams AG

Part # AS1154
Description  Single/Dual LVDS Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1154 Datasheet(HTML) 2 Page - ams AG

  AS1154 Datasheet HTML 1Page - ams AG AS1154 Datasheet HTML 2Page - ams AG AS1154 Datasheet HTML 3Page - ams AG AS1154 Datasheet HTML 4Page - ams AG AS1154 Datasheet HTML 5Page - ams AG AS1154 Datasheet HTML 6Page - ams AG AS1154 Datasheet HTML 7Page - ams AG AS1154 Datasheet HTML 8Page - ams AG AS1154 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.austriamicrosystems.com
Revision 1.01
2 - 15
AS1156/AS1154
Data Sheet - P i n o u t
4 Pinout
Pin Assignments
Figure 2. AS1156/AS1154 Pin Assignments (Top View)
Pin Descriptions
Table 1. AS1156/AS1154 Pin Descriptions
Pin Number
Pin Name
Description
AS1154
AS1156
11
VCC
Power Supply Input. Bypass VCC to GND with 0.1µF and 0.001µF
ceramic capacitors.
22
IN1
LVTTL/LVCMOS Driver Input
3IN2
LVTTL/LVCMOS Driver Input
44
GND
Ground
5OUT2-
Inverting LVDS Driver Output
6OUT2+
Noninverting LVDS Driver Output
77
OUT1+
Noninverting LVDS Driver Output
88
OUT1-
Inverting LVDS Driver Output
3, 5, 6
N/C
Not connected
OUT1-
OUT1+
N/C
N/C
VCC
IN1
N/C
GND
AS1156
1
2
3
4
8
7
6
5
OUT1-
OUT1+
OUT2+
OUT2-
VCC
IN1
IN2
GND
AS1154
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com