Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS1154 Datasheet(PDF) 3 Page - ams AG

Part # AS1154
Description  Single/Dual LVDS Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1154 Datasheet(HTML) 3 Page - ams AG

  AS1154 Datasheet HTML 1Page - ams AG AS1154 Datasheet HTML 2Page - ams AG AS1154 Datasheet HTML 3Page - ams AG AS1154 Datasheet HTML 4Page - ams AG AS1154 Datasheet HTML 5Page - ams AG AS1154 Datasheet HTML 6Page - ams AG AS1154 Datasheet HTML 7Page - ams AG AS1154 Datasheet HTML 8Page - ams AG AS1154 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.austriamicrosystems.com
Revision 1.01
3 - 15
AS1156/AS1154
Data Sheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sec-
tions of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Limits
Units
Notes
VCC to GND
-0.3 to +5.0
V
INx, EN, ENn to GND
-0.3 to (VCC + 0.3)
V
OUTx+, OUTx- to GND
-0.3 to +5
V
Short Circuit Duration (OUTx+, OUTx-)
Continuous
Continuous Power Dissipation
(TA = +70°C)
755
mW
Derate 9.4mW/°C Above +70°C
Storage Temperature Range
-65 to +150
ºC
Maximum Junction Temperature
+150
ºC
Operating Temperature Range
-40 to +85
ºC
Package Body Temperature
260
ºC
The reflow peak soldering temperature
(body temperature) specified is in
compliance with IPC/JEDEC J-STD-
020C “Moisture/ Reflow Sensitivity
Classification for Non-Hermetic Solid
State Surface Mount Devices”.
ESD Protection
±4
kV
Human Body Model, INx, OUTx+,
OUTx--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com