Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NSE-5310ASDF Datasheet(PDF) 4 Page - ams AG

Part # NSE-5310ASDF
Description  Miniature Position Encoder SOIC with Zero Reference and I짼C Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

NSE-5310ASDF Datasheet(HTML) 4 Page - ams AG

  NSE-5310ASDF Datasheet HTML 1Page - ams AG NSE-5310ASDF Datasheet HTML 2Page - ams AG NSE-5310ASDF Datasheet HTML 3Page - ams AG NSE-5310ASDF Datasheet HTML 4Page - ams AG NSE-5310ASDF Datasheet HTML 5Page - ams AG NSE-5310ASDF Datasheet HTML 6Page - ams AG NSE-5310ASDF Datasheet HTML 7Page - ams AG NSE-5310ASDF Datasheet HTML 8Page - ams AG NSE-5310ASDF Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.austriamicrosystems.com
Revision 1.0
4 - 21
NSE-5310
Data Sheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in Electrical Characteristics on page 5 is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
DC Supply Voltage at pin VDD5V (VINVDD5V)
-0.3
7
V
DC Supply Voltage at pin VDD3V3 (VINVDD3V3)
5V
DC Supply Voltage (VDD)
7
V
Except VDD3V3
Input Pin Voltage (VIN)
VDD+ 0.3
V
Except VDD3V3
Input Pin Voltage VDD3V3 (VINVDD3V3)
5V
Input Current (latchup immunity) (Iscr)
-100
100
mA
Norm: Jedec 78
Electrostatic Discharge (ESD)
±2
kV
Norm: MIL 883 E method 3015
Storage Temperature (Tstrg)
-55
125
ºC
Body temperature (Lead-free package) (Tlead)
260
t=20 to 40s,
Norm: IPC/JEDEC J-STD-020C.
The reflow peak soldering temperature (body
temperature) specified is in accordance with IPC/
JEDEC J-STD-020C “Moisture/Reflow Sensitivity
Classification for Non-Hermetic Solid State Surface
Mount Devices”.
Humidity non-condensing
585
%
Thermal Package Resistance (Rth)
114.5
ºC/W
TSSOP20 / still air
doc# Assy-195



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com