Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NSE-5310ASDF Datasheet(PDF) 5 Page - ams AG

Part # NSE-5310ASDF
Description  Miniature Position Encoder SOIC with Zero Reference and I짼C Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

NSE-5310ASDF Datasheet(HTML) 5 Page - ams AG

  NSE-5310ASDF Datasheet HTML 1Page - ams AG NSE-5310ASDF Datasheet HTML 2Page - ams AG NSE-5310ASDF Datasheet HTML 3Page - ams AG NSE-5310ASDF Datasheet HTML 4Page - ams AG NSE-5310ASDF Datasheet HTML 5Page - ams AG NSE-5310ASDF Datasheet HTML 6Page - ams AG NSE-5310ASDF Datasheet HTML 7Page - ams AG NSE-5310ASDF Datasheet HTML 8Page - ams AG NSE-5310ASDF Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.austriamicrosystems.com
Revision 1.0
5 - 21
NSE-5310
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
6.1 Magnet Input Specification
Note: There is no upper speed limit for the absolute outputs. With increasing speed, the distance between two samples increases. The trav-
elling distance between two subsequent samples can be calculated as:
sampling_dist =
where:
sampling_distance = travelling distance between samples in mm
v = travelling speed in mm/sec
fs = sampling rate in Hz
Pole crossings need to be tracked to calculate absolute position beyond one pole pair. The ability to differentiate pole crossings may be
a speed limiting factor in such cases.
Table 3. Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD5V
Positive I/O Supply Voltage
5V Operation via LDO
4.5
5.0
5.5
V
VDD3V3
IO structure on VDD5V connected to
VDD3V3
33.3
3.6
V
VDDD/ VDDA
Positive Core Supply Voltage
5V Operation over LDO Internal
analog and digital supply
33.3
3.6
V
TAMB
Ambient Temperature
-40ºF to +275ºF
-40
125
ºC
Isupp
Supply Current
16
21
mA
Table 4. Two Pole Cylindrical Diametrically Magnetized Source
Symbol
Parameter
Conditions
Min
Typ
Max
Units
pL
Pole Length
1mm
ppL
Pole Pair Length
Magnetic North & South Pole
2
mm
pLV
Pole Length Variation
% of ppL 2mm
±1.2
%
Bpk
Magnetic input field amplitude
Required vertical component of the
magnetic field strength on the die’s
surface
10
40
mT
BpkV
Magnetic input field variation
Amplitude variation over encoder
length
±2
%
Btc
Magnetic Field Temperature Drift
Samarium Cobalt ReComa28
typ – 0.035 %/K
-0.2
%/K
Boff
Magnetic offset
Constant magnetic stray field
±5
mT
Vabs
Linear travelling speed
Absolute output
see note below
v
fs
----



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com