Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

dsPIC33FJ32GS608 Datasheet(PDF) 356 Page - Microchip Technology

Part # dsPIC33FJ32GS608
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ32GS608 Datasheet(HTML) 356 Page - Microchip Technology

Back Button dsPIC33FJ32GS608 Datasheet HTML 352Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 353Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 354Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 355Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 356Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 357Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 358Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 359Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 360Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 416 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591B-page 356
Preliminary
 2009 Microchip Technology Inc.
TABLE 27-5:
DC CHARACTERISTICS: OPERATING CURRENT (IDD)
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Parameter
No.
Typical(1)
Max
Units
Conditions
Operating Current (IDD)(2)
DC20d
21
30
mA
-40°C
3.3V
10 MIPS
See Note 2
DC20a
21
30
mA
+25°C
DC20b
21
30
mA
+85°C
DC20c
22
30
mA
+125°C
DC21d
28
40
mA
-40°C
3.3V
16 MIPS
See Note 2 and Note 3
DC21a
28
40
mA
+25°C
DC21b
28
40
mA
+85°C
DC21c
29
40
mA
+125°C
DC22d
35
45
mA
-40°C
3.3V
20 MIPS
See Note 2 and Note 3
DC22a
35
45
mA
+25°C
DC22b
35
45
mA
+85°C
DC22c
36
45
mA
+125°C
DC23d
49
60
mA
-40°C
3.3V
30 MIPS
See Note 2 and Note 3
DC23a
49
60
mA
+25°C
DC23b
49
60
mA
+85°C
DC23c
50
60
mA
+125°C
DC24d
66
75
mA
-40°C
3.3V
40 MIPS
See Note 2
DC24a
66
75
mA
+25°C
DC24b
66
75
mA
+85°C
DC24c
67
75
mA
+125°C
DC25d
153
170
mA
-40°C
3.3V
40 MIPS
See Note 2, except PWM is
operating at maximum speed
(PTCON2 = 0x0000)
DC25a
154
170
mA
+25°C
DC25b
155
170
mA
+85°C
DC25c
156
170
mA
+125°C
DC26d
122
135
mA
-40°C
3.3V
40 MIPS
See Note 2, except PWM is
operating at 1/2 speed
(PTCON2 = 0x0001)
DC26a
123
135
mA
+25°C
DC26b
124
135
mA
+85°C
DC26c
125
135
mA
+125°C
DC27d
107
120
mA
-40°C
3.3V
40 MIPS
See Note 2, except PWM is
operating at 1/4 speed
(PTCON2 = 0x0002)
DC27a
108
120
mA
+25°C
DC27b
109
120
mA
+85°C
DC27c
110
120
mA
+125°C
DC28d
88
100
mA
-40°C
3.3V
40 MIPS
See Note 2, except PWM is
operating at 1/8 speed
(PTCON2 = 0x0003)
DC28a
89
100
mA
+25°C
DC28b
89
100
mA
+85°C
DC28c
89
100
mA
+125°C
Note 1:
Data in “Typical” column is at 3.3V, +25°C unless otherwise stated.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O
pin loading and switching rate, oscillator type, internal code execution pattern and temperature, also have
an impact on the current consumption. The test conditions for all IDD measurements are as follows: OSC1
driven with external square wave from rail to rail. All I/O pins are configured as inputs and pulled to VSS.
MCLR = VDD, WDT and FSCM are disabled. CPU, SRAM, program memory and data memory are
operational. No peripheral modules are operating (PMD bits are all set).
3:
These parameters are characterized but not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com