Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

dsPIC33FJ32GS608 Datasheet(PDF) 359 Page - Microchip Technology

Part # dsPIC33FJ32GS608
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ32GS608 Datasheet(HTML) 359 Page - Microchip Technology

Back Button dsPIC33FJ32GS608 Datasheet HTML 355Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 356Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 357Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 358Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 359Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 360Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 361Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 362Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 363Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 416 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70591B-page 359
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
TABLE 27-9:
DC CHARACTERISTICS: I/O PIN INPUT SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
VIL
Input Low Voltage
DI10
I/O Pins
VSS
—0.2 VDD
V
DI15
MCLR
VSS
—0.2 VDD
V
DI16
I/O Pins with OSC1 or SOSCI
VSS
—0.2 VDD
V
DI18
I/O Pins with SDAx, SCLx, U2RX,
U2TX
VSS
—0.3 VDD
V
SMBus disabled
DI19
I/O Pins with SDAx, SCLx, U2RX,
U2TX
VSS
—0.2 VDD
V
SMBus enabled
VIH
Input High Voltage
DI20
DI21
I/O Pins Not 5V Tolerant(4)
I/O Pins 5V Tolerant(4)
0.7 VDD
0.7 VDD
—
—
VDD
5.5
V
V
ICNPU
CNx Pull-up Current
DI30
—
250
—
AVDD = 3.3V, VPIN = VSS
IIL
Input Leakage Current(2,3,4)
DI50
I/O Pins with:
4 mA Source/Sink Capability
8 mA Source/Sink Capability
16 mA Source/Sink Capability
—
—
—
—
—
—
±2
±4
±8
A
A
A
VSS
 VPIN  VDD,
Pin at high-impedance
VSS
 VPIN  VDD,
Pin at high-impedance
VSS
 VPIN  VDD,
Pin at high-impedance
DI55
MCLR
——
±2
AVSS VPIN VDD
DI56
OSC1
—
—
±2
AVSS VPIN VDD,
XT and HS modes
DI57
ISINK
Sink Current
Pins:
RA9, RA10, RD3-RD7, RD13,
RE0-RE7, RG12, RG13
Pins:
RC15
Pins:
RA0-RA7, RA14, RA15, RB0-
RB15, RC1-RC4, RC12-RC14,
RD0-RD2, RD8-RD12, RD14,
RD15, RE8, RE9, RF0-RF8,
RF12, RF13, RG0-RG3, RG6-
RG9, RG14, RG15
Pins:
MCLR
—
—
—
—
—
—
—
—
16
8
4
2
mA
mA
mA
mA
Note 1:
Data in “Typ” column is at 3.3V, +25°C unless otherwise stated.
2:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3:
Negative current is defined as current sourced by the pin.
4:
See “Pin Diagrams” for the list of 5V tolerant I/O pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com