Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

dsPIC33FJ32GS608 Datasheet(PDF) 379 Page - Microchip Technology

Part # dsPIC33FJ32GS608
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ32GS608 Datasheet(HTML) 379 Page - Microchip Technology

Back Button dsPIC33FJ32GS608 Datasheet HTML 375Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 376Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 377Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 378Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 379Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 380Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 381Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 382Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 383Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 416 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70591B-page 379
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
TABLE 27-34: I2Cx BUS DATA TIMING REQUIREMENTS (MASTER MODE)
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min(1)
Max
Units
Conditions
IM10
TLO:SCL Clock Low Time 100 kHz mode
TCY/2 (BRG + 1)
—
s
400 kHz mode
TCY/2 (BRG + 1)
—
s
1 MHz mode(2)
TCY/2 (BRG + 1)
—
s
IM11
THI:SCL
Clock High Time 100 kHz mode
TCY/2 (BRG + 1)
—
s
400 kHz mode
TCY/2 (BRG + 1)
—
s
1 MHz mode(2)
TCY/2 (BRG + 1)
—
s
IM20
TF:SCL
SDAx and SCLx
Fall Time
100 kHz mode
—
300
ns
CB is specified to be
from 10 to 400 pF
400 kHz mode
20 + 0.1 CB
300
ns
1 MHz mode(2)
—
100
ns
IM21
TR:SCL
SDAx and SCLx
Rise Time
100 kHz mode
—
1000
ns
CB is specified to be
from 10 to 400 pF
400 kHz mode
20 + 0.1 CB
300
ns
1 MHz mode(2)
—
300
ns
IM25
TSU:DAT Data Input
Setup Time
100 kHz mode
250
—
ns
400 kHz mode
100
—
ns
1 MHz mode(2)
40
—
ns
IM26
THD:DAT Data Input
Hold Time
100 kHz mode
0
—
s
400 kHz mode
0
0.9
s
1 MHz mode(2)
0.2
—
s
IM30
TSU:STA Start Condition
Setup Time
100 kHz mode
TCY/2 (BRG + 1)
—
s
Only relevant for
Repeated Start
condition
400 kHz mode
TCY/2 (BRG + 1)
—
s
1 MHz mode(2)
TCY/2 (BRG + 1)
—
s
IM31
THD:STA Start Condition
Hold Time
100 kHz mode
TCY/2 (BRG + 1)
—
s
After this period the
first clock pulse is
generated
400 kHz mode
TCY/2 (BRG + 1)
—
s
1 MHz mode(2)
TCY/2 (BRG + 1)
—
s
IM33
TSU:STO Stop Condition
Setup Time
100 kHz mode
TCY/2 (BRG + 1)
—
s
400 kHz mode
TCY/2 (BRG + 1)
—
s
1 MHz mode(2)
TCY/2 (BRG + 1)
—
s
IM34
THD:STO Stop Condition
100 kHz mode
TCY/2 (BRG + 1)
—
ns
Hold Time
400 kHz mode
TCY/2 (BRG + 1)
—
ns
1 MHz mode(2)
TCY/2 (BRG + 1)
—
ns
IM40
TAA:SCL Output Valid
From Clock
100 kHz mode
—
3500
ns
400 kHz mode
—
1000
ns
1 MHz mode(2)
—
400
ns
IM45
TBF:SDA Bus Free Time
100 kHz mode
4.7
—
s
Time the bus must be
free before a new
transmission can start
400 kHz mode
1.3
—
s
1 MHz mode(2)
0.5
—
s
IM50
CB
Bus Capacitive Loading
—
400
pF
IM51
TPGD
Pulse Gobbler Delay
65
390
ns
See Note 3
Note 1:
BRG is the value of the I2C™ Baud Rate Generator. Refer to Section 19. “Inter-Integrated Circuit
(I2C™)” (DS70195) in the “dsPIC33F/PIC24F Family Reference Manual”.
2:
Maximum pin capacitance = 10 pF for all I2Cx pins (for 1 MHz mode only).
3:
Typical value for this parameter is 130 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com