Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

dsPIC33FJ32GS608 Datasheet(PDF) 382 Page - Microchip Technology

Part # dsPIC33FJ32GS608
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ32GS608 Datasheet(HTML) 382 Page - Microchip Technology

Back Button dsPIC33FJ32GS608 Datasheet HTML 378Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 379Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 380Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 381Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 382Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 383Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 384Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 385Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 386Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 416 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591B-page 382
Preliminary
 2009 Microchip Technology Inc.
TABLE 27-36: 10-BIT HIGH-SPEED A/D MODULE SPECIFICATIONS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V and 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
Device Supply
AD01
AVDD
Module VDD Supply
Greater of
VDD – 0.3
or 3.0
Lesser of
VDD + 0.3
or 3.6
V
AD02
AVSS
Module VSS Supply
Vss – 0.3
VSS + 0.3
V
Analog Input
AD10
VINH-VINL Full-Scale Input Span
VSS
VDD
V
AD11
VIN
Absolute Input Voltage
AVSS
AVDD
V
AD12
IAD
Operating Current
—
8
—
mA
AD13
—
Leakage Current
—
±0.6
—
AVINL = AVSS = 0V,
AVDD = 3.3V
Source Impedance = 100
AD17
RIN
Recommended Impedance
Of Analog Voltage Source
—
100
DC Accuracy
AD20
Nr
Resolution
10 data bits
bits
AD21A INL
Integral Nonlinearity
> -2
±0.5
< 2
LSb VINL = AVSS = 0V,
AVDD = 3.3V
AD22A DNL
Differential Nonlinearity
> -1
±0.5
< 1
LSb VINL = AVSS = 0V,
AVDD = 3.3V
AD23A GERR
Gain Error
> -5
±2.0
< 5
LSb VINL = AVSS = 0V,
AVDD = 3.3V
AD24A EOFF
Offset Error
> -3
±0.75
< 3
LSb VINL = AVSS = VSS = 0V,
AVDD = VDD = 3.3V
AD25
—
Monotonicity(1)
—
—
—
—
Guaranteed
Dynamic Performance
AD30
THD
Total Harmonic Distortion
—
-73
—
dB
AD31
SINAD
Signal to Noise and
Distortion
—58
—
dB
AD32
SFDR
Spurious Free Dynamic
Range
—-73
—
dB
AD33
FNYQ
Input Signal Bandwidth
—
—
1
MHz
AD34
ENOB
Effective Number of Bits
—
9.4
—
bits
Note 1: The A/D conversion result never decreases with an increase in the input voltage, and has no missing
codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com