Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

dsPIC33FJ32GS608 Datasheet(PDF) 385 Page - Microchip Technology

Part # dsPIC33FJ32GS608
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ32GS608 Datasheet(HTML) 385 Page - Microchip Technology

Back Button dsPIC33FJ32GS608 Datasheet HTML 381Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 382Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 383Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 384Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 385Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 386Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 387Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 388Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 389Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 416 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70591B-page 385
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
FIGURE 27-20:
QEA/QEB INPUT CHARACTERISTICS
TABLE 27-40: DAC OUTPUT BUFFER SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature: -40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param.
No.
Symbol Characteristic
Min
Typ
Max
Units
Comments
DA10
RLOAD
Resistive Output Load
Impedance
3K
—
—
DA11
CLOAD
Output Load
Capacitance
—20
35
pF
DA12
IOUT
Output Current Drive
Strength
200
300
400
A
Sink and source
DA13
VRANGE Full Output Drive
Strength Voltage Range
AVSS + 250
mV
—AVDD – 900 mV
V
DA14
VLRANGE Output Drive Voltage
Range at Reduced
Current Drive of 50
A
AVSS + 50 mV
—
AVDD – 500 mV
V
DA15
IDD
Current Consumed when
Module is Enabled,
High-Power Mode
——
1.3 x IOUT
A
Module will always
consume this current
even if no load is
connected to the
output
DA16
ROUTON Output Impedance when
Module is Enabled
——
10
Closed loop output
resistance
TQ30
TQ35
TQ31
QEA
(input)
TQ30
TQ35
TQ31
QEB
(input)
TQ36
QEB
Internal
TQ40
TQ41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com