Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1825-0802E/AB Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP1825-0802E/AB
Description  500 mA, Low Voltage, Low Quiescent Current LDO Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1825-0802E/AB Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP1825-0802E/AB Datasheet HTML 28Page - Microchip Technology MCP1825-0802E/AB Datasheet HTML 29Page - Microchip Technology MCP1825-0802E/AB Datasheet HTML 30Page - Microchip Technology MCP1825-0802E/AB Datasheet HTML 31Page - Microchip Technology MCP1825-0802E/AB Datasheet HTML 32Page - Microchip Technology MCP1825-0802E/AB Datasheet HTML 33Page - Microchip Technology MCP1825-0802E/AB Datasheet HTML 34Page - Microchip Technology MCP1825-0802E/AB Datasheet HTML 35Page - Microchip Technology MCP1825-0802E/AB Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
MCP1825/MCP1825S
DS22056B-page 32
© 2008 Microchip Technology Inc.
5-Lead Plastic Transistor Outline (AT) [TO-220]
Notes:
1. Dimensions D and E do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .005" per side.
2. Dimensioning and tolerancing per ASME Y14.5M.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Units
INCHES
Dimension Limits
MIN
NOM
MAX
Number of Pins
N
5
Pitch
e
.067 BSC
Overall Pin Pitch
e1
.268 BSC
Overall Height
A
.140
–
.190
Overall Width
E
.380
–
.420
Overall Length
D
.560
–
.650
Molded Package Length
D1
.330
–
.355
Tab Length
H1
.204
–
.293
Tab Thickness
A1
.020
–
.055
Mounting Hole Center
Q
.100
–
.120
Mounting Hole Diameter
φP
.139
–
.156
Lead Length
L
.482
–
.590
Base to Bottom of Lead
A2
.080
–
.115
Lead Thickness
c
.012
–
.025
Lead Width
b
.015
.027
.040
E
Q
D
D1
H1
A
A1
A2
c
N
e
e1
b
1 2 3
L
CHAMFER
OPTIONAL
P
φ
Microchip Technology Drawing C04-036B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com