Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1825-0802E/AB Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP1825-0802E/AB
Description  500 mA, Low Voltage, Low Quiescent Current LDO Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1825-0802E/AB Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP1825-0802E/AB Datasheet HTML 29Page - Microchip Technology MCP1825-0802E/AB Datasheet HTML 30Page - Microchip Technology MCP1825-0802E/AB Datasheet HTML 31Page - Microchip Technology MCP1825-0802E/AB Datasheet HTML 32Page - Microchip Technology MCP1825-0802E/AB Datasheet HTML 33Page - Microchip Technology MCP1825-0802E/AB Datasheet HTML 34Page - Microchip Technology MCP1825-0802E/AB Datasheet HTML 35Page - Microchip Technology MCP1825-0802E/AB Datasheet HTML 36Page - Microchip Technology MCP1825-0802E/AB Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
© 2008 Microchip Technology Inc.
DS22056B-page 33
MCP1825/MCP1825S
APPENDIX A: REVISION HISTORY
Revision B (February 2008)
The following is the list of modifications
1.
Updated Figure 2-4, Figure 2-5, Figure 2-16,
Figure 2-29, and Figure 2-30.
2.
Updated package outline drawings and landing
pattern drawings to
Section 6.0 “Packaging
Information”.
3.
Updated
Appendix A: “Revision History”.
Revision A (August 2007)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com