Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MICROSDHC Datasheet(PDF) 4 Page - Transcend Information. Inc.

Part # MICROSDHC
Description  High Capacity microSD Card
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

MICROSDHC Datasheet(HTML) 4 Page - Transcend Information. Inc.

  MICROSDHC Datasheet HTML 1Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 2Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 3Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 4Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 5Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 6Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 7Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 8Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
m
m
miiic
c
cr
rro
o
oS
S
SD
D
DH
H
HC
C
C C
C
Ca
a
ar
rrd
d
d s
s
se
e
er
rriiie
e
es
s
s
High Capacity microSD Card
Transcend Information Inc.
4
Single card capacitance
CCARD
10
pF
Maximum signal line inductance
16
nH
fPP ≤ 20 MHz
Pull-up resistance inside card (pin1)
RDAT3
10
90
k
Ω
May be used for card
detection
Note that the total capacitance of CMD and DAT lines will be consist of CHOST, CBUS and one CCARD only because they are
connected separately to the SD Memory Card host.
Host should consider total bus capacitance for each signal as the sum of CHOST, CBUS, and CCARD, these parameters are
defined by per signal. The host can determine CHOST and CBUS so that total bus capacitance is less than the card estimated
capacitance load (CL=40 pF). The SD Memory Card guarantees its bus timing when total bus capacitance is less than
maximum value of CL (40 pF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com