Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MICROSDHC Datasheet(PDF) 17 Page - Transcend Information. Inc.

Part # MICROSDHC
Description  High Capacity microSD Card
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

MICROSDHC Datasheet(HTML) 17 Page - Transcend Information. Inc.

Back Button MICROSDHC Datasheet HTML 13Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 14Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 15Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 16Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 17Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 18Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 19Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 20Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 21Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
m
m
miiic
c
cr
rro
o
oS
S
SD
D
DH
H
HC
C
C C
C
Ca
a
ar
rrd
d
d s
s
se
e
er
rriiie
e
es
s
s
High Capacity microSD Card
Transcend Information Inc.
17
• C_SIZE
This field is expanded to 22 bits and can indicate up to 2 TBytes (It is the same as the maximum memory space specified
by a 32-bit block address.)
This parameter is used to calculate the user data area capacity in the SD memory card (not include the protected area).
The user data area capacity is calculated from C_SIZE as follows: memory capacity = (C_SIZE+1) * 512K byte
As the maximum capacity of the Physical Layer Specification Version 2.00 is 32 GB, the upper 6 bits of this field shall be
set to 0.
• ERASE_BLK_EN
This field is fixed to 1, which means the host can erase one or multiple units of 512 bytes.
• SECTOR_SIZE
This field is fixed to 7Fh, which indicates 64 KBytes. This value does not relate to erase operation. Version 2.00 cards
indicates memory boundary by AU size and this field should not be used.
• WP_GRP_SIZE
This field is fixed to 00h. The High Capacity SD Memory Card does not support write protected groups.
• WP_GRP_ENABLE
This field is fixed to 0. The High Capacity SD Memory Card does not support write protected groups.
• R2W_FACTOR
This field is fixed to 2h, which indicates 4 multiples. Write timeout can be calculated by multiplying the read access time
nd R2W_FACTOR. However, the host should not use this factor and should use 250 ms for write timeout
a
WRITE_BL_LEN
•
This field is fixed to 9h, which indicates WRITE_BL_LEN=512 Byte.
WRITE_BL_PARTIAL
•
his field is fixed to 0, which indicates partial block read is inhibited and only unit of block access is allowed.
T
FILE_FORMAT_GRP
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com