Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSM2N7002KCXRF Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2N7002KCXRF
Description  60V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2N7002KCXRF Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TSM2N7002KCXRF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2N7002KCXRF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2N7002KCXRF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2N7002KCXRF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2N7002KCXRF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM2N7002KCXRF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM2N7002KCXRF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TSM2N7002K
60V N-Channel MOSFET
6/7
Version: B09
SOT-323 Mechanical Drawing
SOT-323 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
0.80
1.10
0.031
0.043
A1
--
0.10
--
0.004
bp
0.30
0.40
0.012
0.016
C
0.10
0.25
0.004
0.010
D
1.80
2.20
0.071
0.087
E
1.15
1.35
0.045
0.053
e
1.30 BSC
0.051 BSC
e1
0.65 BSC
0.026 BSC
HE
2.00
2.20
0.079
0.087
Lp
0.15
0.45
0.006
0.018
Q
0.20 BSC
0.007 BSC
W
0.20 BSC
0.007 BSC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com