Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX1640C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1640C/D
Description  Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1640C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1640C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1640C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1640C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1640C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1640C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1640C/D Datasheet HTML 9Page - Maxim Integrated Products MAX1640C/D Datasheet HTML 10Page - Maxim Integrated Products MAX1640C/D Datasheet HTML 11Page - Maxim Integrated Products MAX1640C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
where VTERM = 2V and VOUT is the desired output
voltage.
Programming the Off-Time
When programming the off-time, consider such factors
as maximum inductor current ripple, maximum output
voltage, inductor value, and inductor current rating. The
output current ripple is less than the inductor current rip-
ple and depends heavily on the output capacitor’s size.
Perform the following steps to program the off-time:
1) Select the maximum output current ripple. IR(A)
2) Select the maximum output voltage. VOUT(MAX)(V)
3) Calculate the inductor value range as follows:
LMIN = (VOUTMAX x 1µs) / IR
LMAX = (VOUTMAX x 10µs) / IR
4) Select an inductor value in this range.
5) Calculate tOFF as follows:
6) Program tOFF by selecting RTOFF from:
RTOFF = (29.3 x 109) x tOFF
7) Calculate the switching frequency by:
fs = 1 / (tON + tOFF)
where tON = (IR x L) / (VIN - VOUT) and IR = (VOUT x
tOFF) / L. L is the inductor value, VIN is the input volt-
age, VOUT is the output voltage, and IR is the output
peak-to-peak current ripple.
Note that RTOFF sets both the off-time and the pulse-
trickle charge period.
Reference
The on-chip reference is laser trimmed for a precise 2V
at REF. REF can source no more than 50µA. Bypass
REF with a 0.1µF capacitor to ground.
Constant-Current Loop: AC Loop
Compensation
The constant-current loop’s output is brought out at CC.
To reduce noise due to variations in switching currents,
bypass CC with a 1nF to 100nF capacitor to ground. A
large capacitor value maintains a constant average out-
put current but slows the loop response to changes in
switching current. A small capacitor value speeds up
the loop response to changes in switching current,
generating increased ripple at the output. Select CCC
to optimize the ripple vs. loop response.
Synchronous Rectification
Synchronous rectification reduces conduction losses in
the rectifier by shunting the Schottky diode with a low-
resistance MOSFET switch. In turn, efficiency increases
by about 3% to 5% at heavy loads. To prevent cross-
conduction or “shoot-through,” the synchronous rectifier
turns on shortly after the P-channel power MOSFET
turns off. The synchronous rectifier remains off for 90%
of the off-time. In low-cost designs, the synchronous
rectifier FET may be replaced by a Schottky diode.
Component Selection
External Switching Transistors
The MAX1640/MAX1641 drive an enhancement-mode
P-channel MOSFET and a synchronous-rectifier N-
channel MOSFET (Table 2).
When selecting a P-channel FET, some important para-
meters to consider are on-resistance (rDS(ON)), maxi-
mum drain-to-source voltage (VDS max), maximum
gate-to-source voltage (VGS max), and minimum
threshold voltage (VTH min).
In high-current applications, MOSFET package power
dissipation often becomes a dominant design factor.
I2R power losses are the greatest heat contributor for
both high-side and low-side MOSFETs. Switching loss-
es affect the upper MOSFET only (P-channel), since the
Schottky rectifier or the N-FET body diode clamps the
switching node before the synchronous rectifier turns on.
t=
L x I
V
OFF
R
OUTMAX
Adjustable-Output, Switch-Mode
Current Source with Synchronous Rectifier
_______________________________________________________________________________________
9
Table 2. Component Manufacturers
COMPONENT
MANUFACTURER
MOSFETs
Sense Resistor
Capacitors
International Rectifier
Dale
AVX
Sumida
Coilcraft
Inductor
Coiltronics
Siliconix
S14539DY
IRF7309
WSL-2010 series
TPS series
MBAR5340t3
CDRH125 series
D03316P series
UP2 series
IRC
LR2010-01 series
Sprague
595D series
Nihon
NSQ03A04
Rectifier
IN5817-IN5822
Motorola



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com