| Electronic Components Datasheet Search |
|
MAX1640C/D Datasheet(PDF) 10 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX1640C/D Datasheet(HTML) 10 Page - Maxim Integrated Products |
|
10 / 12 page ![]() Rectifier Diode If an N-channel MOSFET synchronous rectifier is not used, a Schottky rectifier is needed. The MAX1640/ MAX1641’s high switching frequency demands a high- speed rectifier (Table 2). Schottky diodes such as the 1N5817–1N5822 are recommended. Make sure the Schottky diode’s average current rating exceeds the peak current limit and that its breakdown voltage exceeds the output voltage (VOUT). For high-tempera- ture applications, Schottky diodes may be inadequate due to their high leakage current; high-speed silicon diodes such as the MUR105 or EC11FS1 can be used instead. At heavy loads and high temperatures, the benefits of a Schottky diode’s low forward voltage may outweigh the disadvantage of high leakage current. If the application uses an N-channel MOSFET synchro- nous rectifier, a parallel Schottky diode is usually unnecessary except with very high charge current (> 3 amps). Best efficiency is achieved with both an N-channel MOSFET and a Schottky diode. Inductor Value Refer to the section Programming the Off-Time to select the proper inductor value. There is a trade-off between inductor value, off-time, output current ripple, and switching frequency. __________Applications Information All-Purpose Microcontroller Battery Charger: NiCd, NiMH In applications where a microcontroller is available, the MAX1640/MAX1641 can be used as a low-cost battery charger (Figure 4). The controller takes over fast charge, pulse-trickle charge, charge termination, and other smart functions. By monitoring the output voltage at VOUT, the controller initiates fast charge (set D0 and D1 high), terminates fast charge and initiates top-off (set D0 high and D1 low), enters trickle charge (set D0 low and D1 high), or shuts off and terminates current flow (set D0 and D1 low). Adjustable-Output, Switch-Mode Current Source with Synchronous Rectifier 10 ______________________________________________________________________________________ P N D1 D0 T I/0 I/0 CH1 CH0 PDRV NDRV PGND CS+ CS- R3 R4 TERM GND LOW-SIDE IS SHORTED DC IN RSENSE MAX1640 BATT Figure 4. Microcontroller Battery Charger |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |