Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4355IS Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4355IS
Description  Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4355IS Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4355IS Datasheet HTML 9Page - Linear Technology LTC4355IS Datasheet HTML 10Page - Linear Technology LTC4355IS Datasheet HTML 11Page - Linear Technology LTC4355IS Datasheet HTML 12Page - Linear Technology LTC4355IS Datasheet HTML 13Page - Linear Technology LTC4355IS Datasheet HTML 14Page - Linear Technology LTC4355IS Datasheet HTML 15Page - Linear Technology LTC4355IS Datasheet HTML 16Page - Linear Technology LTC4355IS Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC4355
13
4355fe
–48V/5A with Positive Supply and Negative Supply Diode-ORing with Reverse Input Protection
4355 F05
LTC4355
LTC4354
GND
GATE1
GATE2
IN1
OUT
IN2
1μF
10A
12k
2k
10A
7A
7A
FDS3672
FDS3672
FDS3672
FDS3672
RTNA
RTNB
NOTE: MAXIMUM VOLTAGE BETWEEN ANY TWO INPUTS = 80VDC
VSS
VCC
GB
GA
DB
DA
VA = –48V
VB = –48V
2k
LOAD
= BAS21
SMBT70A
TYPICAL APPLICATIONS
+24V Diode-OR With Reverse Input Protection
4355 TA05
LTC4355
GND
GATE1
GATE2
IN2
IN1
OUT
GND
FDS3672
VIN1 = +24V
VIN2 = +24V
FDS3672
LOAD
SMBT70A
= BAS21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com