Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4355IS Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4355IS
Description  Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4355IS Datasheet(HTML) 2 Page - Linear Technology

  LTC4355IS Datasheet HTML 1Page - Linear Technology LTC4355IS Datasheet HTML 2Page - Linear Technology LTC4355IS Datasheet HTML 3Page - Linear Technology LTC4355IS Datasheet HTML 4Page - Linear Technology LTC4355IS Datasheet HTML 5Page - Linear Technology LTC4355IS Datasheet HTML 6Page - Linear Technology LTC4355IS Datasheet HTML 7Page - Linear Technology LTC4355IS Datasheet HTML 8Page - Linear Technology LTC4355IS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC4355
2
4355fe
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
IN1, IN2 .................................................. –1V to 100V
OUT ..................................................... –0.3V to 100V
Input Voltages
MON1, MON2, SET .................................. –0.3V to 7V
Output Voltages
GATE1 (Note 3)................... VIN1 – 0.2V to VIN1 + 13V
GATE2 (Note 3)................... VIN2 – 0.2V to VIN2 + 13V
PWRFLT1, PWRFLT2, VDSFLT,
FUSEFLT1, FUSEFLT2............................... –0.3V to 8V
(Notes 1, 2)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
15
MON1
PWRFLT1
FUSEFLT1
FUSEFLT2
PWRFLT2
MON2
SET
IN1
GATE1
OUT
GATE2
IN2
VDSFLT
GND
TOP VIEW
DE14 PACKAGE
14-LEAD (4mm
3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 15) PCB GND CONNECTION OPTIONAL
1
2
3
4
5
6
7
8
IN1
GATE1
NC
OUT
NC
GATE2
IN2
VDSFLT
16
15
14
13
12
11
10
9
MON1
PWRFLT1
FUSEFLT1
FUSEFLT2
PWRFLT2
MON2
SET
GND
TOP VIEW
MS PACKAGE
16-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 125°C/W
MON1
PWRFLT1
FUSEFLT1
FUSEFLT2
PWRFLT2
MON2
SET
GND
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IN1
GATE1
NC
OUT
NC
GATE2
IN2
NC
TJMAX = 125°C, θJA = 75°C/W
Operating Temperature Range
LTC4355C ................................................ 0°C to 70°C
LTC4355I..............................................–40°C to 85°C
Storage Temperature Range...................–65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MS, SO Packages ............................................. 300°C
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4355CDE#PBF
LTC4355CDE#TRPBF
4355
14-Lead (4mm
× 3mm) Plastic DFN
0°C to 70°C
LTC4355IDE#PBF
LTC4355IDE#TRPBF
4355
14-Lead (4mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC4355CS#PBF
LTC4355CS#TRPBF
LTC4355CS
16-Lead Plastic SO
0°C to 70°C
LTC4355IS#PBF
LTC4355IS#TRPBF
LTC4355IS
16-Lead Plastic SO
–40°C to 85°C
LTC4355CMS#PBF
LTC4355CMS#TRPBF
4355
16-Lead Plastic MSOP
0°C to 70°C
LTC4355IMS#PBF
LTC4355IMS#TRPBF
4355
16-Lead Plastic MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PIN CONFIGURATION
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com