Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3857IGN-1 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3857IGN-1
Description  Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3857IGN-1 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3857IGN-1 Datasheet HTML 17Page - Linear Technology LTC3857IGN-1 Datasheet HTML 18Page - Linear Technology LTC3857IGN-1 Datasheet HTML 19Page - Linear Technology LTC3857IGN-1 Datasheet HTML 20Page - Linear Technology LTC3857IGN-1 Datasheet HTML 21Page - Linear Technology LTC3857IGN-1 Datasheet HTML 22Page - Linear Technology LTC3857IGN-1 Datasheet HTML 23Page - Linear Technology LTC3857IGN-1 Datasheet HTML 24Page - Linear Technology LTC3857IGN-1 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
LTC3857-1

38571fa
applicaTions inForMaTion
LDOregulateINTVCCto5.1V.Eachofthesecansupplya
peakcurrentof50mAandmustbebypassedtoground
withaminimumof4.7µFceramiccapacitor.Nomatter
what type of bulk capacitor is used, an additional 1µF
ceramiccapacitorplaceddirectlyadjacenttotheINTVCC
andPGNDpinsishighlyrecommended.Goodbypassing
isneededtosupplythehightransientcurrentsrequired
bytheMOSFETgatedriversandtopreventinteraction
betweenthechannels.
HighinputvoltageapplicationsinwhichlargeMOSFETs
arebeingdrivenathighfrequenciesmaycausethemaxi-
mumjunctiontemperatureratingfortheLTC3857-1tobe
exceeded.TheINTVCCcurrent,whichisdominatedbythe
gatechargecurrent,maybesuppliedbyeithertheVINLDO
ortheEXTVCCLDO.WhenthevoltageontheEXTVCCpin
islessthan4.7V,theVINLDOisenabled.Powerdissipa-
tionfortheICinthiscaseishighestandisequaltoVIN•
IINTVCC.Thegatechargecurrentisdependentonoperating
frequencyasdiscussedintheEfficiencyConsiderations
section.Thejunctiontemperaturecanbeestimatedbyusing
theequationsgiveninNote3oftheElectricalCharacteris-
tics.Forexample,theLTC3857-1INTVCCcurrentislimited
tolessthan15mAfroma40Vsupplywhennotusingthe
EXTVCCsupplyata70°Cambienttemperature:
TJ=70°C+(15mA)(40V)(90°C/W)=125°C
Topreventthemaximumjunctiontemperaturefrombe-
ingexceeded,theinputsupplycurrentmustbechecked
whileoperatinginforcedcontinuousmode(PLLIN/MODE
=INTVCC)atmaximumVIN.
WhenthevoltageappliedtoEXTVCCrisesabove4.7V,the
VINLDOisturnedoffandtheEXTVCCLDOisenabled.The
EXTVCCLDOremainsonaslongasthevoltageappliedto
EXTVCCremainsabove4.5V.TheEXTVCCLDOattempts
toregulatetheINTVCCvoltageto5.1V,sowhileEXTVCC
islessthan5.1V,theLDOisindropoutandtheINTVCC
voltageisapproximatelyequaltoEXTVCC.WhenEXTVCC
isgreaterthan5.1V,uptoanabsolutemaximumof14V,
INTVCCisregulatedto5.1V.
UsingtheEXTVCCLDOallowstheMOSFETdriverand
controlpowertobederivedfromoneoftheLTC3857-1’s
switchingregulatoroutputs(4.7V≤VOUT≤14V)during
normaloperationandfromtheVINLDOwhentheout-
putisoutofregulation(e.g.,start-up,short-circuit).If
morecurrentisrequiredthroughtheEXTVCCLDOthan
is specified, an external Schottky diode can be added
betweentheEXTVCCandINTVCCpins.Inthiscase,do
notapplymorethan6VtotheEXTVCCpinandmakesure
thatEXTVCC≤VIN.
Significantefficiencyandthermalgainscanberealized
bypoweringINTVCCfromtheoutput,sincetheVINcur-
rentresultingfromthedriverandcontrolcurrentswillbe
scaledbyafactorof(DutyCycle)/(SwitcherEfficiency).
For5Vto14Vregulatoroutputs,thismeansconnecting
theEXTVCCpindirectlytoVOUT.TyingtheEXTVCCpinto
an8.5Vsupplyreducesthejunctiontemperatureinthe
previousexamplefrom125°Cto:
TJ=70°C+(15mA)(8.5V)(90°C/W)=82°C
However,for3.3Vandotherlowvoltageoutputs,addi-
tionalcircuitryisrequiredtoderiveINTVCCpowerfrom
theoutput.
Thefollowinglistsummarizesthefourpossibleconnec-
tionsforEXTVCC:
1.EXTVCCLeftOpen(orGrounded).ThiswillcauseINTVCC
tobepoweredfromtheinternal5.1Vregulatorresult-
inginanefficiencypenaltyofupto10%athighinput
voltages.
2.EXTVCCConnecteddirectlytoVOUT.Thisisthenormal
connectionfora5Vto14Vregulatorandprovidesthe
highestefficiency.
3.EXTVCCConnectedtoanExternalsupply.Ifanexternal
supplyisavailableinthe5Vto14Vrange,itmaybe
usedtopowerEXTVCC.EnsurethatEXTVCC<VIN.
4.EXTVCCConnectedtoanOutput-DerivedBoostNetwork.
For3.3Vandotherlowvoltageregulators,efficiency
gainscanstillberealizedbyconnectingEXTVCCtoan
output-derivedvoltagethathasbeenboostedtogreater
than4.7V.Thiscanbedonewiththecapacitivecharge
pumpshowninFigure9.EnsurethatEXTVCC<VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com